Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1121AS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1121AS
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1121AS Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1121AS Datasheet HTML 1Page - Diodes Incorporated AP1121AS Datasheet HTML 2Page - Diodes Incorporated AP1121AS Datasheet HTML 3Page - Diodes Incorporated AP1121AS Datasheet HTML 4Page - Diodes Incorporated AP1121AS Datasheet HTML 5Page - Diodes Incorporated AP1121AS Datasheet HTML 6Page - Diodes Incorporated AP1121AS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
2 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
AP1121
7
5
4
3
2
1
6
GND
V
IN1
V
OUT1
V
IN2
(Top View)
8
V
OUT2
GND
GND
GND
NAME
Descriptions
GND
Ground
3.3V(VOUT1)
2.5V/1.8V
(VOUT2)
The output of the regulator. A minimum of
10uF capacitor (0.15Ω ≤ ESR ≤ 20Ω) must
be connected from this pin to ground to
insure stability.
VIN
The input pin of regulator. Typically a large
storage capacitor (0.15Ω ≤ ESR ≤ 20Ω) is
connected from this pin to ground.
Pin Assignments
Pin Descriptions


Similar Part No. - AP1121AS

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1121AS ANACHIP-AP1121AS Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1121ASA ANACHIP-AP1121ASA Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
More results

Similar Description - AP1121AS

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
   Dual 1A Low Dropout Positive Regulator
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
   Dual 1A Low Dropout Positive Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
   DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
   Dual 1A Low Dropout Positive Voltage Regulator
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
   1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
   1A LOW DROPOUT POSITIVE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com