Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432ASAL-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP432ASAL-7
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432ASAL-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP432ASAL-7 Datasheet HTML 4Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 5Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 6Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 7Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 8Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 9Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 10Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 11Page - Diodes Incorporated AP432ASAL-7 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
9 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOT23(R) /SOT25/SC59
SOT23(R) /SOT25/SC59
:
(Top View)
XX Y M X
Marking Code
Y Year
M : Month (A~L)
X : L : Lead Free
G :Green
(2) SOP-8L
SOP-8L
YY : Year
WW : Nth week
AP432 X
(Top view)
YY WW
Part Number
Logo
X
L : Lead-Free Package
G : Green
5
8
4
1
Accuracy
Blank: 1.24 ±1%
A: 1.24±0.5%
(3) TO92-3
TO92-3L
(Top View)
AP432
XYWW X X
Accuracy
Blank: 1.24 + 1%
A: 1.24 + 0.5%
X : Internal code
WW :Nth week
Y : Year
L : Lead Free


Similar Part No. - AP432ASAL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432A ANACHIP-AP432A Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432A ANACHIP-AP432A Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AA ANACHIP-AP432AA Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AL ANACHIP-AP432AL Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432ALA ANACHIP-AP432ALA Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AP432ASAL-7

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com