Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1084D50G-U Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1084D50G-U
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084D50G-U Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1084D50G-U Datasheet HTML 2Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 3Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 4Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 5Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 6Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 7Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 8Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 9Page - Diodes Incorporated AP1084D50G-U Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
6 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Functional Description
Introduction
The AP1084 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can easily be programmed with the addition of two
external resistors to any voltages within the range of 1.25V to Vin-1.4V. The AP1084 only needs 1.4V differential between Vin and Vout to
maintain output regulation. In addition, the output voltage tolerances are also extremely tight and they include the transient response as
part of the specification. For example, Intel VRE specification calls for a total of +/- 100mV including initial tolerance, load regulation and 0
to 5.0A load step.
The AP1084 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage,
reducing the overall system cost with the need for fewer output capacitors.
Output Voltage Setting
The AP1084 can be programmed to any voltages in the range of 1.25V to Vin-1.4V with the addition of R1 and R2 external resistors
according to the following formula:
Vout = Vref (1+ R2/R1) +Iadj *R2 , where Vref = 1.25 typically, Iadj =
55uA typically R1 & R2 as shown below:
AP1084
Vin
Vout
Vref
Adj
R1
R2
Iadj = 55uA
The AP1084 keeps a constant 1.25V between the output pin and the adjust pin. By placing a resistor R1 across these two pins a
constant current flows through R1, adding to the Iadj current and into the R2 resistor producing a voltage equal to the
(1.25/R1)*R2+Iadj*R2 which will be added to the 1.25V to set the output voltage. This is summarized in the above equation. Since the
minimum load current requirement of the AP1084 is 10mA, R1 is typically selected to be 121Ω resistor so that it automatically satisfies
the minimum current requirement. Notice that since Iadj is typically in the range of 55uA it only adds a small error to the output voltage
and should only be considered when a very precise output voltage setting is required. For example, in a typical 3.3V application where
R1=121Ω and R2=200Ω the error due to Iadj is only 0.3% of the nominal set point.
Load Regulation
Since the AP1084 is only a 3 terminal device, it is not possible to provide true remote sensing of the output voltage at the load. The
best load regulation is achieved when the bottom side of R2 is connected to the load and the top-side of R1 resistor is connected directly
to the case or the Vout pin of the regulator and not to the load. It is important to note that for high current applications, this can re-present a
significant percentage of the overall load regulation and one must keep the path from the regulator to the load as short as possible to
minimize this effect.
Stability
The AP1084 requires the use of an output capacitor as part of the frequency compensation in order to make the regulator stable.
For most applications a minimum of 10uF aluminum electrolytic capacitor insures both stability and good transient response.
Thermal Design
The AP1084 incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the
maximum allowable junction temperature. Although this device can operate with junction temperatures in the range of 150
oC, it is
recommended that the selected heat sink be chosen such that during maximum continuous load operation the junction temperature is
kept below that temperature.
Layout Consideration
The output capacitors must be located as close to the Vout terminal of the device as possible. It is recommended to use a section of
a layer of the PC board as a plane to connect the Vout pin to the output capacitors to prevent any high frequency oscillation that may
result due to excessive trace inductance.


Similar Part No. - AP1084D50G-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084D50 ANACHIP-AP1084D50 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D50 ANACHIP-AP1084D50 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D50A ANACHIP-AP1084D50A Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D50A ANACHIP-AP1084D50A Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D50L ANACHIP-AP1084D50L Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084D50G-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com