Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1212HSG-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1212HSG-13
Description  DUAL USB HIGH-SIDE POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1212HSG-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1212HSG-13 Datasheet HTML 4Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 5Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 6Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 7Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 8Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 9Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 10Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 11Page - Diodes Incorporated AP1212HSG-13 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP1212
DUAL USB HIGH-SIDE POWER SWITCH
AP1212 Rev. 2
11 of 12
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
SOP-8L
Part Number
1
4
SOP-8L
Logo
Enable Type
H : Active High
L : Active Low
ID code: internal
Year: "01" =2001
"02" =2002
Xth week: 01~52
8
5
AP1212 X
YY WW XX
(Top View)
L : Lead Free
G : Green
Device
Package
Identification Code
AP1212XS
SOP-8L
AP1212
Package Information
Package Type: SOP-8L
1.27typ
0.3/0.5
7°~9°
4.80/5.30
7°~9°
3.70/4.10
0.38/1.27
Gauge Plane
Seating Plane
0.35max. 45°
Detail "A"
Detail "A"
Marking Information


Similar Part No. - AP1212HSG-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1212HS ANACHIP-AP1212HS Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
AP1212HSA ANACHIP-AP1212HSA Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
AP1212HSL ANACHIP-AP1212HSL Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
AP1212HSLA ANACHIP-AP1212HSLA Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
More results

Similar Description - AP1212HSG-13

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2076B UTC-US2076B Datasheet
224Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCHDUAL USB HIGH-SIDE POWER SWITCH
logo
Anachip Corp
AP1212 ANACHIP-AP1212 Datasheet
246Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US2076 UTC-US2076 Datasheet
247Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
US3076 UTC-US3076_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Analog Intergrations Co...
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
logo
Unisonic Technologies
US3376 UTC-US3376_15 Datasheet
236Kb / 7P
   DUAL USB HIGH-SIDE POWER SWITCH
US2076A UTC-US2076A Datasheet
265Kb / 8P
   DUAL USB HIGH-SIDE POWER SWITCH
logo
Sipex Corporation
SP2526A SIPEX-SP2526A Datasheet
91Kb / 10P
   Dual USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1526 AIC-AIC1526 Datasheet
245Kb / 8P
   Dual USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6526 SSC-SS6526 Datasheet
356Kb / 12P
   Dual USB High-Side Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com