Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1506-12K5L-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1506-12K5L-13
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506-12K5L-13 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1506-12K5L-13 Datasheet HTML 2Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 3Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 4Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 5Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 6Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 7Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 8Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 9Page - Diodes Incorporated AP1506-12K5L-13 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
6 of 13
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
AP1506 Efficiency vs. Temperature
(Vin = 12V, Vout = 5V, Io = 3A)
72
73
74
75
76
77
78
79
80
81
82
83
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1506 Efficiency vs. Temperature
(Vin = 12V, Vout = 3.3V, Io = 3A)
70
71
72
73
74
75
76
77
78
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1506 Saturation Voltage vs. Temperature
(Vcc = 12V, Vfb = 0V, VSD = 0)
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
-50
-25
0
25
50
75
100
125
Temperature (TA) (°C)
3A
2A
1A
0.5A
AP1506 Switch Current Limit vs. Temperature
(Vcc = 12V, Vfb = 0V)
3
3.5
4
4.5
5
5.5
-50
-30
-10
10
30507090
Temperature (TA) (°C)
AP1506 Supply Current vs. Temperature
(Vcc = 12V, No Load, Von/off = 0V (Switch ON), Von/off = 5V (Switch OFF))
5
6
7
8
9
10
11
12
13
14
15
-50 -30 -10 10
30
50 70
90 110 130 150
Temperature (TA) (°C)
Sw itch ON
30
35
40
45
50
55
60
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
Switch OFF


Similar Part No. - AP1506-12K5L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506-12K5L ANACHIP-AP1506-12K5L Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5L ANACHIP-AP1506-12K5L Datasheet
238Kb / 13P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5LA ANACHIP-AP1506-12K5LA Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5LA ANACHIP-AP1506-12K5LA Datasheet
238Kb / 13P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1506-12K5L-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com