Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ532 Datasheet(PDF) 1 Page - Protek Devices

Part # GPZ532
Description  HIGH ENERGY - EXTENDED PULSE TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GPZ532 Datasheet(HTML) 1 Page - Protek Devices

  GPZ532_07 Datasheet HTML 1Page - Protek Devices GPZ532_07 Datasheet HTML 2Page - Protek Devices GPZ532_07 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HIGH ENERGY - EXTENDED PULSE TVS
1
05028.R4 2/07
www.protekdevices.com
GPZ532
thru
GPZ1275
APPLICATIONS
✔ Remote DC Power Supply, Base Station & Microwave Protection
✔ MIL-STD-1275 Power Bus Protection
✔ Electric Drive Motors & Controls
✔ Mobile Electronics Operating in Harsh Environments
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-5 (Surge): 95A, 8/20µs Level 3 (Line-Ground) & Level 4 (Line-Line)
FEATURES
✔ Meets MIL-STD-1275 Military Specification
✔ 10 & 30 kilowatts Peak Pulse Power per Line (tp=1ms)
✔ Each Device 100% Tested
✔ HighAverage (DC) Power Dissipation
✔ Superior Heat Dissipation Capability
✔ Small Package Size
MECHANICAL CHARACTERISTICS
✔ Hermetically Sealed Sub-Assemblies
✔ Weight 38 grams - GPZ532 & 65 grams - GPZ1275 (Approximate)
✔ Flammability Rating UL 94V-0
✔ Device Marking: Logo, Date Code & Part Number
GPZ532
GPZ1275
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
T
STG
PARAMETER
Storage Temperature
Peak Pulse Power (tp = 1ms) - See Fig. 1
PPP
10 & 30
kilowatts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Steady State Power Disspiation @ 25°C (derate 2.33W/°C)
T
A
350
Watts


Similar Part No. - GPZ532_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ532 PROTEC-GPZ532_08 Datasheet
70Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
More results

Similar Description - GPZ532_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ532 PROTEC-GPZ532_08 Datasheet
70Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
116Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ532 PROTEC-GPZ532_12 Datasheet
413Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275_12 Datasheet
404Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275_11 Datasheet
403Kb / 4P
   high energ y - extended pulse tvs
logo
C&B ELECTRONICS (SHENZH...
APLR RESI-APLR Datasheet
554Kb / 2P
   Non-Inductive High Energy Anti-Pulse Resistors
2021/05/19
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com