Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ532 Datasheet(PDF) 2 Page - Protek Devices

Part # GPZ532
Description  HIGH ENERGY - EXTENDED PULSE TVS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

GPZ532 Datasheet(HTML) 2 Page - Protek Devices

  GPZ532_07 Datasheet HTML 1Page - Protek Devices GPZ532_07 Datasheet HTML 2Page - Protek Devices GPZ532_07 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GPZ532
thru
GPZ1275
2
05028.R4 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
PPM
V
C
VOLTS
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
PEAK PULSE
CURRENT
(See Fig. 2)
I
PPM
AMPS
GPZ532
GPZ1275
40
55
50
60
100
500
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
28
28
MINIMUM
BREAKDOWN
VOLTAGE
32
32
0.2
0.03
V
(BR)
VOLTS
@ I
T
AMPS
Note 1: Maximum V
F = 3.5V @ 100A, 8.3ms (sine wave).
0.1
1
10
100
1000
10000
100000
td - Pulse Duration - µs
100
10
1
0.1
5kW @ 50ms
Waveform
2kW @ 50ms
Waveform
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
Peak Pulse Power
1ms
Average Power
0
25
50
75
100
125
150
TL - Lead Temperature - °C
100
80
60
40
20
0
FIGURE 3
POWER DERATING CURVE
TEST
WAVEFORM
PARAMETERS
td = 1ms
0
1
2
t - Time - ms
100
50
0
FIGURE 2
PULSE WAVE FORM


Similar Part No. - GPZ532_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ532 PROTEC-GPZ532_08 Datasheet
70Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
More results

Similar Description - GPZ532_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GPZ532 PROTEC-GPZ532_08 Datasheet
70Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275 Datasheet
116Kb / 3P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ532 PROTEC-GPZ532_12 Datasheet
413Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275_12 Datasheet
404Kb / 4P
   HIGH ENERGY - EXTENDED PULSE TVS
GPZ1275 PROTEC-GPZ1275_11 Datasheet
403Kb / 4P
   high energ y - extended pulse tvs
logo
C&B ELECTRONICS (SHENZH...
APLR RESI-APLR Datasheet
554Kb / 2P
   Non-Inductive High Energy Anti-Pulse Resistors
2021/05/19
logo
Analog Devices
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
ADE7755ARSZ AD-ADE7755ARSZ Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com