Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1084D25L-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1084D25L-13
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084D25L-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1084D25L-13 Datasheet HTML 2Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 3Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 4Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 5Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 6Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 7Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 8Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 9Page - Diodes Incorporated AP1084D25L-13 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
9 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Package Information
(unit: mm)
(1) TO263-3L
9.65/10.29 Typ 9.97
2.54
BS C .
0.51/0.99 Typ 0.75
1.14/1.40 Typ1.27
2.28/2.80 Typ 2.54
1.3
10.9
Land Pattern R ecom m endation (U nit: m m )
2.54
0.38 Typ
(2) TO252-3L
5.20/5.50 Typ 5.35
6.354/6.80 Typ 6.58
2.28
BSC.
0.61 Typ
4.57 BSC.
9.00/10.40 Typ 9.70
SEATING
PLANE
0.51
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
2.18/2.40
Typ 2.29
0.45/0.58
Typ 0.52
0.64/1.02
Typ 0.83
0.45/0.58
Typ 0.52
0.89/
1.14


Similar Part No. - AP1084D25L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084D25L ANACHIP-AP1084D25L Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D25L ANACHIP-AP1084D25L Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D25LA ANACHIP-AP1084D25LA Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D25LA ANACHIP-AP1084D25LA Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084D25L-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com