Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1509-SL-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP1509-SL-13
Description  150KHz, 2A PWM BUCK DC/DC CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1509-SL-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP1509-SL-13 Datasheet HTML 4Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 5Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 6Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 7Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 8Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 9Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 10Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 11Page - Diodes Incorporated AP1509-SL-13 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AP1509
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
9 of 12
DECEMBER 2006
www.diodes.com
© Diodes Incorporated
Function Description
Pin Functions
+VIN
This is the positive input supply for the IC switching regulator. A
suitable input bypass capacitor must be presented at this pin to
minimize voltage transients and to supply the switching currents
needed by the regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches between (+VIN
VSAT) and approximately – 0.5V, with a duty cycle of
approximately VOUT / VIN. To minimize coupling to sensitive
circuitry, the PC board copper area connected to this pin should
be minimized.
Feedback
Senses the regulated output voltage to complete the feedback
loop.
SD
Allows the switching regulator circuit to be shutdown using logic
level signals thus dropping the total input supply current to
approximately 150uA. Pulling this pin below a threshold voltage
of approximately 1.3V turns the regulator on, and pulling this pin
above 1.3V (up to a maximum of 18V) shuts the regulator down.
If this shutdown feature is not needed, the SD pin can be wired to
the ground pin.
Thermal Considerations
The SOP-8L package needs a heat sink under most conditions.
The size of the heat sink depends on the input voltage, the output
voltage, the load current and the ambient temperature. The
AP1509 junction temperature rises above ambient temperature
for a 2A load and different input and output voltages. The data for
these curves was taken with the AP1509 (SOP-8 package)
operating as a buck-switching regulator in an ambient
temperature of 25
oC (still air). These temperature increments are
all approximate and are affected by many factors. Higher ambient
temperatures require more heat sinker.
For the best thermal performance, wide copper traces and
generous amounts of printed circuit board copper should be used
in the board layout (One exception is the output (switch) pin,
which should not have large areas of copper). Large areas of
copper provide the best transfer of heat (lower thermal resistance)
to the surrounding air, and moving air lowers the thermal
resistance even further.
Package thermal resistance and junction temperature increments
are all approximate. The increments are affected by a lot of
factors. Some of these factors include board size, shape,
thickness, position, location, and even board temperature.
Other factors are, trace width, total printed circuit copper area,
copper thickness, single or double-sided, multi-layer board and
the amount of solder on the board.
The effectiveness of the PC board to dissipate heat also depends
on the size, quantity and spacing of other components on the
board, as well as whether the surrounding air is still or moving.
Furthermore, some of these components such as the catch diode
will add heat to the PC board and the heat can vary as the input
voltage changes. For the inductor, depending on the physical
size, type of core material and the DC resistance, it could either
act as a heat sink taking heat away from the board, or it could
add heat to the board.


Similar Part No. - AP1509-SL-13

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
AP1509-SL-13 SY-AP1509-SL-13 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results

Similar Description - AP1509-SL-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
   2A 150KHZ PWM Buck DC/DC Converter
logo
E-CMOS Corporation
EC9309 E-CMOS-EC9309 Datasheet
1Mb / 15P
   2A 150KHz PWM Buck DC/DC Converter
logo
Shanghai Shunye Electro...
AP1509 SY-AP1509_18 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com