Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0406FC12C Datasheet(PDF) 1 Page - Protek Devices

Part # LC0406FC12C
Description  LOW CAPACITANCE FLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0406FC12C Datasheet(HTML) 1 Page - Protek Devices

  LC0406FC12C Datasheet HTML 1Page - Protek Devices LC0406FC12C Datasheet HTML 2Page - Protek Devices LC0406FC12C Datasheet HTML 3Page - Protek Devices LC0406FC12C Datasheet HTML 4Page - Protek Devices LC0406FC12C Datasheet HTML 5Page - Protek Devices LC0406FC12C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
05158.R6 2/07
www.protekdevices.com
LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC3.3C
thru
LC0406FC36C
APPLICATIONS
✔ Cellular Phones
✔ Personal Digital Assistant (PDA)
✔ Notebook Computers
✔ SMART Cards
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ Available in Voltages Ranging From 3.3V to 36V
✔ 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Low Clamping Voltage
✔ Bidirectional Configuration & Monolithic Structure
✔ Protects 3 to 5 Lines
✔ Low Capacitance
✔ Low Leakage Current
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Standard EIA Chip Size: 0406
✔ Weight 0.73 milligrams (Approximate)
✔ Available in Lead-Free Plating
✔ Solder Reflow Temperature:
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Plastic & Paper Tape and Reel Per EIA Standard 481
✔ Device Marking On Reel
✔ Top Contacts: Solder Bump 0.004” in Height (Nominal)
PIN CONFIGURATION
0402 CHIP SHOWN


Similar Part No. - LC0406FC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0406FC12C PROTEC-LC0406FC12C Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC12C PROTEC-LC0406FC12C Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC12C PROTEC-LC0406FC12C Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Similar Description - LC0406FC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0404FC PROTEC-LC0404FC Datasheet
116Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC_07 Datasheet
69Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC PROTEC-LC0406FC Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_07 Datasheet
84Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ESD4-LFC PROTEC-ESD4-LFC Datasheet
96Kb / 4P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0408FC PROTEC-LC0408FC Datasheet
123Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
ULC0406FC33C PROTEC-ULC0406FC33C Datasheet
118Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0402FC33C PROTEC-ULLC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_07 Datasheet
76Kb / 6P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULC0402FC33C PROTEC-ULC0402FC33C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com