Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-80C85RH Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-80C85RH
Description  Radiation Hardened 8-Bit CMOS Microprocessor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-80C85RH Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS-80C85RH_02 Datasheet HTML 2Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 3Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 4Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 5Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 6Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 7Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 8Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 9Page - Intersil Corporation HS-80C85RH_02 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FIGURE 5. HOLD
NOTE: READY must remain stable during setup and hold times.
FIGURE 6. READ OPERATION WITH WAIT CYCLE (TYPICAL) - SAME READY TIMING APPLIES TO WRITE
NOTE: IO/M is also floating during this time.
FIGURE 7. INTERRUPT AND HOLD
Waveforms (Continued)
tHDS
T2
CLK
HOLD
HLDA
BUS
(ADDRESS, CONTROLS)
tHDH
tHACK
tHABF
T2
THOLD
THOLD
T1
tHABE
ADDRESS
ADDRESS
DATA IN
tAC
tARY
tLRY
tLC
tRYH
tRYS
tRYS tRYH
tCC
tRD
tLDR
tAFR
tLA
tLL
tAL
tAD
tLCK
T1
T2
TWAIT
T3
T3
tCL
tRAE
tRDH
tCA
CLK
A8-15
AD0-AD7
ALE
RD/INTA
READY
tHABE
tHABF
tHACK
tHDH
tHDS
tINH
tINS
INTR
HOLD
HLDA
INTR
RD
CALL INST.
A0-7
A8-15
T1
T2
T3
T4
T5
T6
THOLD T1
T2
BUS FLOATING (NOTE)
HS-80C85RH


Similar Part No. - HS-80C85RH_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
More results

Similar Description - HS-80C85RH_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-80C85RH INTERSIL-HS-80C85RH Datasheet
159Kb / 19P
   Radiation Hardened 8-Bit CMOS Microprocessor
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
HS-3374RH INTERSIL-HS-3374RH_00 Datasheet
513Kb / 3P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-3374RH INTERSIL-HS-3374RH Datasheet
38Kb / 6P
   Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
HS-83C55RH INTERSIL-HS-83C55RH Datasheet
708Kb / 12P
   Radiation Hardened 16K Bit CMOS ROM
HS-82C08RH INTERSIL-HS-82C08RH Datasheet
44Kb / 6P
   Radiation Hardened 8-Bit Bus Transceiver
ACS521MS INTERSIL-ACS521MS Datasheet
104Kb / 3P
   Radiation Hardened 8-Bit Magnitude Comparator
January 1996
HS-82C08RH INTERSIL-HS-82C08RH_00 Datasheet
57Kb / 4P
   Radiation Hardened 8-Bit Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com