Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1704 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1704
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1704 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1704 Datasheet HTML 1Page - Diodes Incorporated AP1704 Datasheet HTML 2Page - Diodes Incorporated AP1704 Datasheet HTML 3Page - Diodes Incorporated AP1704 Datasheet HTML 4Page - Diodes Incorporated AP1704 Datasheet HTML 5Page - Diodes Incorporated AP1704 Datasheet HTML 6Page - Diodes Incorporated AP1704 Datasheet HTML 7Page - Diodes Incorporated AP1704 Datasheet HTML 8Page - Diodes Incorporated AP1704 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1701/2/3/4
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
2 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
(Top View)
1
2
GND
VCC
AP1703
AP1704
2
3
(RESET)
RESET
(Top View)
1
2
GND
(RESET)
VCC
AP1701
AP1702
2
3
RESET
SC59-3L
SC59-3L
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Terminal Voltage (with respect to GND)
-0.3 to +6.0
V
VRESET
RESET, RESET (push-pull)
-0.3 to (VCC + 0.3)
V
ICC
Input Current, VCC
20
mA
IO
Output Current, RESET, RESET
20
mA
PD
Continuous Power Dissipation (TA = +70°C),
de-rate 4mW/°C above +70°C
320
mW
TOP
Operating Junction Temperature Range
-40 to +105
°C
TST
Storage Temperature Range
-65 to +150
°C
Pin Assignments
Pin Descriptions
Name
Description
GND
Ground
RESET
(RESET)
Reset Output Pin
L: for AP1701/3
H: for AP1702/4
VCC
Operating Voltage Input


Similar Part No. - AP1704

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1704 ANACHIP-AP1704 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
AP1704AW ANACHIP-AP1704AW Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
AP1704AWL ANACHIP-AP1704AWL Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
AP1704BW ANACHIP-AP1704BW Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
AP1704BWL ANACHIP-AP1704BWL Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - AP1704

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com