Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-81C55RH Datasheet(PDF) 9 Page - Intersil Corporation

Part # HS-81C55RH
Description  Radiation Hardened 256 x 8 CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-81C55RH Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HS-81C55RH_00 Datasheet HTML 3Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 4Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 5Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 6Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 7Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 8Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 9Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 10Page - Intersil Corporation HS-81C55RH_00 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Figure 7 shows how the HS-81C55/56RH I/O ports might be
configured in a typical system.
Timer Section
The timer is a 14-bit down counter that counts the TIMER IN
pulses and provides either a square wave or pulse when
terminal count (TC) is reached.
The timer has the I/O address XXXXX100 for the low order
byte of the register and the I/O address XXXXX101 for the
high order byte of the register. (See Figure 5).
To program the timer, the COUNT LENGTH REG is loaded
first, one byte at a time, by selecting the timer addresses.
Bits 0-13 of the high order count register will specify the
length of the next count and bits 14-15 of the high order
register will specify the timer output mode (see Figure 8).
The value loaded into the count length register can have any
value from 2H through 3FFH in Bits 0-13.
There are four modes to choose from: M2 and M1 define the
timer mode, as shown in Figure 9.
FIGURE 6. HS-81C55RH AND HS-81C56RH PORT FUNCTION
OUTPUT
LATCH
DQ
CLK
CLR
D
Q
LATCH
CLK
STB
(1)
(2)
(3)
READ
PORT
MODE (4)
WRITE
PORT
PA/PB
PIN
MUX
HS-81C55RH AND HS-81C56RH
ONE BIT OF PORT A OR PORT B
(1) OUTPUT MODE
(2) SIMPLE INPUT
(3) STROBED INPUT
(4) = 1 FOR OUTPUT MODE
= 0 FOR INPUT MODE
MULTIPLEXER
CONTROL
NOTES:
1. READ Port = (IO/M = 1)(RD = 0)(CE Active)
(Port Address Selected)
2. WRITE Port = (IO/M = 1)(wr = 0)(CE Active)
(Port Address Selected)
PORT A
PORT C
PORT B
OUTPUT
PORT A
A INTR (SIGNAL DATA RECEIVED)
A BF (SIGNALS DATA READY)
A STB (ACKNOWL. DATA RCV’D)
B STB (LOAD PORT B LATCH)
B BF (SIGNALS BUFFER IS FULL)
B INTR (SIGNALS BUFFER
READY FOR READING)
INPUT
TO HS-80C85RH
RST INPUT
TO/FROM
PERIPHERAL
INTERFACE
TO INPUT PORT
(OPTIONAL)
TO HS-80C85RH
RST INPUT
FIGURE 7. EXAMPLE: COMMAND REGISTER = 00111001
M2
M1
T13
T12
T11
T10
T9
T8
76543210
T7
T6
T5
T4
T3
T2
T1
T0
76543210
TIMER
MODE
MSB OF
CNT LENGTH
LSB OF
CNT LENGTH
FIGURE 8. TIMER FORMAT
HS-81C55RH, HS-81C56RH


Similar Part No. - HS-81C55RH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
More results

Similar Description - HS-81C55RH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-81C55RH INTERSIL-HS-81C55RH Datasheet
86Kb / 14P
   Radiation Hardened 256 x 8 CMOS RAM
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
   Radiation Hardened 8K x 8 SOS CMOS Static RAM
HS-6564RH INTERSIL-HS-6564RH Datasheet
673Kb / 9P
   Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com