Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1084K Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1084K
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084K Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1084K Datasheet HTML 1Page - Diodes Incorporated AP1084K Datasheet HTML 2Page - Diodes Incorporated AP1084K Datasheet HTML 3Page - Diodes Incorporated AP1084K Datasheet HTML 4Page - Diodes Incorporated AP1084K Datasheet HTML 5Page - Diodes Incorporated AP1084K Datasheet HTML 6Page - Diodes Incorporated AP1084K Datasheet HTML 7Page - Diodes Incorporated AP1084K Datasheet HTML 8Page - Diodes Incorporated AP1084K Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
4 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Under Operating Conditions)
Sym.
Parameter
Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage Io = 10mA, TA = 25oC, (Vin-Vout) = 1.5V
1.225
1.250
1.275
V
AP1084-XXX
IO = 10mA, VOUT+1.5V<VIN<12V, TA = 25
oC
0.2
%
AP1084-1.5
IOUT = 10mA, TA = 25
oC, 3V≦V
IN≦12V
1.470
1.500
1.530
V
AP1084-1.8
IOUT = 10mA, TA = 25
oC, 3.3V≦V
IN≦12V
1.764
1.800
1.836
V
AP1084-2.5
IOUT = 10mA, TA = 25
oC, 4V≦V
IN≦12V
2.450
2.500
2.550
V
AP1084-3.3
IOUT = 10mA, TA = 25
oC, 4.8V≦V
IN≦12V
3.235
3.300
3.365
V
Line
Regula
tion
AP1084-5.0
IOUT = 10mA, TA = 25
oC, 6.5V≦V
IN≦12V
4.900
5.000
5.100
V
AP1084-Adj
VIN = 3.3V, 0mA<Io<5A, TA = 25
oC
C
1
%
AP1084-1.5
VIN = 3V, 0mA<Io<5A, TA = 25
oC
(Note 4, 5)
12
15
mV
AP1084-1.8
VIN = 3.3V, 0mA<Io<5A
TA = 25
oC (Note 4, 5)
15
18
mV
AP1084-2.5
VIN = 4V, 0mA < Io < 5A
TA = 25
oC (Note 4, 5)
20
25
mV
AP1084-3.3
VIN = 5V, 0mA < Io < 5A, TA = 25
oC
(Note 4, 5)
26
33
mV
Load
Regula
tion
AP1084-5.0
VIN = 8V, 0mA < Io < 5A, TA = 25
oC
(Note 4, 5)
40
50
mV
∆Vo
Dropout Voltage
Io = 5.0A (∆Vout = 1% Vout)
1.3
1.4
V
Current Limit
Vin-Vout = 5V
5.1
A
Minimum Load
Current
5
10
mA
Temperature
Stability
Io = 10mA
0.5
%
θJA
Thermal Resistance
Junction-to-Ambient
(No heat sink; No
air flow)
TO252-3L
TO263-3L
TO220-3L
98
95
83
OC/W
θJC
Thermal Resistance
Junction-to-Case
TO252-3L: Control Circuitry/Power Transistor
TO263-3L: Control Circuitry/Power Transistor
TO220-3L: Control Circuitry/Power Transistor
10
19
13
OC/W
Note:
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
5. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between
input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.


Similar Part No. - AP1084K

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084K ANACHIP-AP1084K Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084K ANACHIP-AP1084K Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084K15 ANACHIP-AP1084K15 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084K15 ANACHIP-AP1084K15 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084K15A ANACHIP-AP1084K15A Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084K

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com