Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS9-245RH-8 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS9-245RH-8
Description  Radiation Hardened Triple Line Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS9-245RH-8 Datasheet(HTML) 6 Page - Intersil Corporation

  HS9-245RH-8 Datasheet HTML 1Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 2Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 3Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 4Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 5Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 6Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 7Page - Intersil Corporation HS9-245RH-8 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
the grounded input of the transmitter, and is less than 25V
negative with respect to the transmitter VCC. The current
mode system is totally unaffected by ground differential
noise of +2V at frequencies as high as 1MHz.
Propagation Delay
The worst case propagation delay of a transmitter and
receiver, connected as shown in Figure 4, can be
determined by adding the maximum delay shown on the
data sheet for the transmitter and receiver. These overall
switching characteristics are shown in Table B. For the entire
system, however, the propagation delay of the transmission
line must also be considered. This delay, of course, depends
on the length of the line and the characteristics of the line,
but in general, delays of between 1.5ns and 3.0ns per foot
can be expected.
TABLE B. OVERALL TRANSMITTER/RECEIVER SWITCHING
CHARACTERISTICS
CHARACTERISTICS
-55oC TO 125oC
HS-245RH, HS-246RH
HS-248RH
UNITS
MIN
TYP
MAX
Propagation Delay
TPLH
-18
40
ns
Propagation Delay
TPHL
-18
40
ns
Duty Cycle Distortion
TPLH - TPHL
-
2
15
ns
NOTE:
VCC = +5V, VEE = -5V.
Schematics
FIGURE 6. HS-245RH
FIGURE 7. HS-246RH, HS-248RH
NOTES:
1. HS-246RH does not have 6K output pull-up resistors.
2. HS-248RH does not have 50
Ω input termination resistors.
φ1
IN
T1
2.7K
2.7K
2.0K
2.0K
380
12
3
4
300
T2
56
8
9
T3
10
11
12
13
14VCC
φ1
OUT
φ2
OUT
φ2
IN
φ1
IN
φ1
OUT
φ2
OUT
φ2
IN
φ1
IN
φ1
OUT
φ2
OUT
φ2
IN
R1
-INPUT
(R1) OUTPUT
3
(R1) +INPUT
2
7
2.7K
4.1K
6K
1
-INPUT
6
(R2)
+INPUT
5
14VCC
4
(R2)
-INPUT
10
+INPUT
9
13VCC
8
(R3)
(R3) OUTPUT
(R2) OUTPUT
(R3)
12VEE
11VEE
R2
R3
GND
50
(R1)
50
HS-245RH, HS-246RH, HS-248RH


Similar Part No. - HS9-245RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS9-245RH-8 INTERSIL-HS9-245RH-8 Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
logo
Renesas Technology Corp
HS9-245RH-8 RENESAS-HS9-245RH-8 Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - HS9-245RH-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
   Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com