Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962R9581801V9A Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962R9581801V9A
Description  Radiation Hardened 8-Bit Input/Output Port
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9581801V9A Datasheet(HTML) 1 Page - Intersil Corporation

  5962R9581801V9A Datasheet HTML 1Page - Intersil Corporation 5962R9581801V9A Datasheet HTML 2Page - Intersil Corporation 5962R9581801V9A Datasheet HTML 3Page - Intersil Corporation 5962R9581801V9A Datasheet HTML 4Page - Intersil Corporation 5962R9581801V9A Datasheet HTML 5Page - Intersil Corporation 5962R9581801V9A Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TM
File Number
3041.3
HS-82C12RH
Radiation Hardened 8-Bit Input/Output
Port
The Intersil HS-82C12RH is a radiation hardened 8-bit
input/output port designed for use with the HS-80C85RH
radiation hardened microprocessor. It is manufactured using
a self-aligned, junction-isolated EPI-CMOS process and
features three-state output buffers and device selection and
control logic. A service request flip-flop is included for the
generation and control of interrupts to the microprocessor.
The device can be used in implement many of the peripheral
and input/output functions of a microcomputer system. The
HS-82C12RH is pinout- and function- compatible with
industry-standard 8212 devices.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-95818. A “hot-link” is provided
on our homepage for downloading.
www.intersil.com/spacedefense/space.asp
Features
• Electrically Screened to SMD # 5962-95818
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Performance
- Hardened EPI-CMOS Process
- Total Dose . . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
- Transient Upset . . . . . . . . . . . . . . . . . > 1 x 108 rad(Si)/s
- Latch-Up Immune
• Low Power Dissipation
• High Noise Immunity
• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . . . +5V
• Low Input Load Current
• 8-Bit Data Register and Buffer
• Asynchronous Register Clear
• Service Request Flip-Flop for Interrupt Generation
• Three-State Outputs
• Bus-Compatible with HS-80C85RH CPU
• Electrically Equivalent to Sandia SA3026
• Military Temperature Range . . . . . . . . . . . -55oC to 125oC
Functional Diagram
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9581801QJC
HS1-82C12RH-8
-55 to 125
5962R9581801QXC
HS9-82C12RH-8
-55 to 125
5962R9581801V9A
HS0-82C12RH-Q
25
5962R9581801VJC
HS1-82C12RH-Q
-55 to 125
5962R9581801VXC
HS9-82C12RH-Q
-55 to 125
Pin Description
PIN
DESCRIPTION
DI0-DI7
Data In
DO0-DO7
Data Out
DS1, DS2
Device Select
MD
Mode
STB
Strobe
INT
Interrupt
CLR
Clear
CONTROL
AND
DEVICE
SELECT
LOGIC
DATA
LATCH
AND
BUFFER
(8)
2
3
INT
DS2
STB
MD
DS1
SERVICE
REQUEST
F.F.
DI0-7
DO0-7
CLR
Data Sheet
August 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright © Intersil Corporation 2000


Similar Part No. - 5962R9581801V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962R9581801VJC INTERSIL-5962R9581801VJC Datasheet
49Kb / 8P
   Radiation Hardened 8-Bit Input/Output Port
5962R9581801VXC INTERSIL-5962R9581801VXC Datasheet
49Kb / 8P
   Radiation Hardened 8-Bit Input/Output Port
More results

Similar Description - 5962R9581801V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C12RH INTERSIL-HS-82C12RH Datasheet
49Kb / 8P
   Radiation Hardened 8-Bit Input/Output Port
HCS166MS INTERSIL-HCS166MS Datasheet
227Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Renesas Technology Corp
HCS166MS RENESAS-HCS166MS Datasheet
447Kb / 9P
   Radiation Hardened 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS195MS INTERSIL-HCS195MS Datasheet
229Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
logo
Renesas Technology Corp
HCS165MS RENESAS-HCS165MS Datasheet
410Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
logo
Intersil Corporation
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
   Radiation Hardened 8-Input Multiplexer
September 1995
logo
Intersil Corporation
ACS151MS INTERSIL-ACS151MS Datasheet
48Kb / 2P
   Radiation Hardened 8-Input Multiplexer
November 1997
HCS165MS INTERSIL-HCS165MS Datasheet
225Kb / 9P
   Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
September 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
   Radiation Hardened 8-Input NAND Gate
July 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com