Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0402FC3.3C Datasheet(PDF) 5 Page - Protek Devices

Part # P0402FC3.3C
Description  FLIP CHIP ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0402FC3.3C Datasheet(HTML) 5 Page - Protek Devices

  P0402FC3.3C Datasheet HTML 1Page - Protek Devices P0402FC3.3C Datasheet HTML 2Page - Protek Devices P0402FC3.3C Datasheet HTML 3Page - Protek Devices P0402FC3.3C Datasheet HTML 4Page - Protek Devices P0402FC3.3C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
05107.R10 2/07
www.protekdevices.com
*U.S. Patent No. Des. “D456,367S”
P0402FC3.3C*
thru
P0402FC36C*
0402 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer’s
and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000 pieces per reel. Ordering Suffix: -T75-1 (i.e., P0402FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels -10,000 pieces per reel. Ordering Suffix: -T710-2 (i.e., P0402FC05C-T710-2).
4. Suffix - LF = Lead-Free, i.e.,
P0402FC05C-LF-T75-1.
A
B
C
D
E
F
G
H
I
0.46 NOM
0.86 NOM
0.99 ± 0.0254
0.10 NOM
0.35 NOM
0.483 ± 0.0254
0.20 NOM
0.127 MAX
0.076 MIN
0.406 NOM
0.018 NOM
0.034 NOM
0.039 ± 0.001
0.004 NOM
0.014 NOM
0.019 ± 0.001
0.008 NOM
0.005 MAX
0.003 MIN
0.016 NOM
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and outline: .xxx ± 0.05mm (± 0.002”).
3. Maximum chip size: 1.02 (0.040”) by 0.51(0.020”).
PACKAGE OUTLINE
MOUNTING PAD
A
B
C
D
E
F
G
H
I
0.23
0.48
0.69
0.46
0.99
0.20
0.20
0.66
0.13
0.009
0.019
0.027
0.018
0.039
0.008
0.008
0.026
0.005
DIM
INCHES
PAD DIMENSIONS
NOTE:
1. Top view of tape. Metal contacts are face down in tape package.
TAPE & REEL ORIENTATION
NOTE:
1.
Preferred: Using 0.1mm (0.004”) stencil.
Single Die - 0402
TOP
A BC
D
E
F
H
END
I
Top cover tape
K0
t
D
P0
P2
10 Pitches Cumulative
Tolerance on Tape. ± 0.2
A0
B0
P
E
F
W
User Direction of Feed
C
B
A
D
H
F
E
G
SOLDER
BUMP
DIE
SOLDER PRINT
DIAMETER 0.010” - 0.012”
MILLIMETERS
Tape & Reel Specifications (Dimensions in millimeters)
D
E
P0
tmax
FP2
W
1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05
P
2.00 ±0.10
0.25
A0
B0
K0
Reel Dia.
Tape Width
178mm (7”)/330mm(13”)
8mm
0.80± 0.10
1.20± 0.10 0.70 ± 0.10
Outline & Dimensions: Rev 3 - 11/02, 06001


Similar Part No. - P0402FC3.3C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
799Kb / 9P
   250w flip chip tvs array
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
More results

Similar Description - P0402FC3.3C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
   FLIP CHIP ARRAY
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
   FLIP CHIP ARRAY
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
   FLIP CHIP ARRAY
P0402FC33C PROTEC-P0402FC33C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
U0404FC33C PROTEC-U0404FC33C Datasheet
105Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com