Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0404FC24C Datasheet(PDF) 6 Page - Protek Devices

Part # P0404FC24C
Description  PFLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0404FC24C Datasheet(HTML) 6 Page - Protek Devices

  P0404FC24C Datasheet HTML 1Page - Protek Devices P0404FC24C Datasheet HTML 2Page - Protek Devices P0404FC24C Datasheet HTML 3Page - Protek Devices P0404FC24C Datasheet HTML 4Page - Protek Devices P0404FC24C Datasheet HTML 5Page - Protek Devices P0404FC24C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
05154.R6 2/07
www.protekdevices.com
*U.S. Patent No. Des. “D456,367S”
P0404FC3.3C*
thru
P0404FC36C*
0404 PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2007
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer’s
and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
A
F
G
H
I
0.51
0.15 SQ
0.71
0.99
0.51
0.020
0.006 SQ
0.028
0.039
0.020
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad
and outline: .xxx ± 0.05mm (± 0.002”).
3.
Preferred: Using 0.1mm (0.004”) stencil.
MOUNTING PAD LAYOUT - Option 2
C
A
D
DIE
SOLDER
BUMP
E
F
G
H
I
SOLDER PRINT
0.010” - 0.012” DIA.
SOLDER PADS
SOLDER MASK
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000 pieces per reel. OrderingSuffix: -T75-1, i.e., P0404FC05C-T75-1.
3.
8mm Paper Tape: 7 Inch Reels - 10,000 pieces per reel. Ordering Suffix: -T710-2, i.e., P0404FC05C-T710-2.
4. Suffix - LF = Lead-Free,
i.e., P0404FC05C-LF-T710-2.
TAPE & REEL ORIENTATION
NOTE:
1. Top view of tape. Solder bumps are face
down in tape package.
Dual Die - 0404
Laser
Orientation
Line
Outline & Dimensions: Rev 4 - 9/04, 06022


Similar Part No. - P0404FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0404FC24C PROTEC-P0404FC24C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0404FC24C PROTEC-P0404FC24C Datasheet
534Kb / 8P
   250w flip chip tvs array
P0404FC24C PROTEC-P0404FC24C Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0404FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0406FC3.3C PROTEC-P0406FC3.3C Datasheet
81Kb / 6P
   PFLIP CHIP ARRAY
P0408FC3.3C PROTEC-P0408FC3.3C Datasheet
86Kb / 6P
   PFLIP CHIP ARRAY
logo
Panasonic Semiconductor
EXB-2HV105JV PANASONIC-EXB-2HV105JV Datasheet
88Kb / 3P
   Chip Resistor Array
EXB-S8V102J PANASONIC-EXB-S8V102J Datasheet
109Kb / 3P
   Chip Resistor Array
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
Protek Devices
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
logo
Bourns Electronic Solut...
CAT16-PT2F2LF BOURNS-CAT16-PT2F2LF Datasheet
282Kb / 1P
   Concave Chip Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com