Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432AVL-A Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP432AVL-A
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432AVL-A Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP432AVL-A Datasheet HTML 3Page - Diodes Incorporated AP432AVL-A Datasheet HTML 4Page - Diodes Incorporated AP432AVL-A Datasheet HTML 5Page - Diodes Incorporated AP432AVL-A Datasheet HTML 6Page - Diodes Incorporated AP432AVL-A Datasheet HTML 7Page - Diodes Incorporated AP432AVL-A Datasheet HTML 8Page - Diodes Incorporated AP432AVL-A Datasheet HTML 9Page - Diodes Incorporated AP432AVL-A Datasheet HTML 10Page - Diodes Incorporated AP432AVL-A Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
7 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
+
-
Output
GND
15K
8.25K
9
µF
I
KA
232
Test Circuit for Voltage Amplification
Small-Signal Voltage Amplification vs Frequency
0
10
20
30
40
50
60
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC
+
-
I KA
GND
Output
1K
50
Test Circuit for Reference Impedance
Reference Impedance vs Frequency
0.1
1
10
100
1K
10K
100K
1M
10M
f-Frequency-Hz
IKA=10mA
T =25 C
A
o
+
-
150
I KA
V
BATT
C
L
Test Circuit for Curve A
+
-
C
L
R1=10K
R2
I KA
150
V
BATT
Test Circuit for Curve B, C, and D
The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted
to establish the initial V
KA and IKA conditions with CL=0.VBATT and
C
L were then adjusted to determine the ranges of stability.
STABILITY BOUNDARY CONDITIONS
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
CL-Load Capacitance-µF
A VKA=Vref
B VKA=5V
C VKA=10V
D VKA=15V
A
B
C
D
Stable
Stable
TA=25oC


Similar Part No. - AP432AVL-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432AVL ANACHIP-AP432AVL Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AVL ANACHIP-AP432AVL Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AVLA ANACHIP-AP432AVLA Datasheet
313Kb / 16P
   Adjustable Precision Shunt Regulator
AP432AVLA ANACHIP-AP432AVLA Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
More results

Similar Description - AP432AVL-A

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com