Part Name
         Description
HI-574A_01

 Complete, 12-Bit A/D Converters with Microprocessor Interface ( 17 Page)


INTERSIL
100% 
Zoom Out Zoom In
 6 page
background image
6
Operating Current
ILOGIC
7Typ, 15Max
mA
ICC +15V Supply
11 Typ, 15 Max
mA
IEE -15V Supply
21 Typ, 28 Max
mA
Power Dissipation
±15V, +5V
515 Typ, 720 Max
mW
±12V, +5V
385 Typ
mW
Internal Reference Voltage
TMIN to TMAX
+10.00
±0.05 Max
V
Output current, available for external loads (external load should not
change during conversion).
2.0 Max
mA
Digital Specifications All Models, Over Full Temperature Range
PARAMETER
MIN
TYP
MAX
Logic Inputs (CE, CS,R/C,AO,12/8)
Logic “1”
+2.4V
-
+5.5V
Logic “0”
-0.5V
-
+0.8V
Current
-
±0.1µA
±5µA
Capacitance
-
5pF
-
Logic Outputs (DB11-DB0, STS)
Logic “0” (ISINK - 1.6mA)
-
-
+0.4V
Logic “1” (ISOURCE -500µA)
+2.4V
-
-
Logic “1” (ISOURCE -10µA)
+4.5V
-
-
Leakage (High-Z State, DB11-DB0 Only)
-
±0.1µA
±5µA
Capacitance
-
5pF
-
Timing Specifications (HI-574A) 25oC, Note 2, Unless Otherwise Specified
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONVERT MODE
tDSC
STS Delay from CE
-
-
200
ns
tHEC
CE Pulse Width
50
-
-
ns
tSSC
CS to CE Setup
50
-
-
ns
tHSC
CS Low During CE High
50
-
-
ns
tSRC
R/C to CE Setup
50
-
-
ns
tHRC
R/C Low During CE High
50
-
-
ns
tSAC
AO to CE Setup
0
-
-
ns
tHAC
AO ValidDuringCE High
50
-
-
ns
tC
Conversion Time
12-Bit Cycle TMIN to TMAX
15
20
25
µs
8-Bit Cycle TMIN to TMAX
10
13
17
µs
DC and Transfer Accuracy SpecificationsTypical at 25oCwith VCC = +15V or +12V, VLOGIC =+5V,VEE =-15V or -12V,
Unless Otherwise Specified (Continued)
PARAMETER
TEMPERATURE RANGE
-2 (-55oCto 125oC)
S SUFFIX
T SUFFIX
UNITS
HI-574A, HI-674A
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADC12H030Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold 1 2 3 4 5 MoreNational Semiconductor
CS501616 14 & 12-Bit Self-Calibrating A/D Converters 1 2 3 4 5 MoreCirrus Logic
ADC12DS065Dual 12-Bit 65/80/95/105 MSPS A/D Converter with Serial LVDS outputs Coming SoonNational Semiconductor
NJ88C21FREQUENCY SYNTHESISER MICROPROCESSOR INTERFACE WITH RESETTABLE COUNTERS 1 2 3 4 5 MoreZarlink Semiconductor Inc
W66910TE Mode ISDN S/T-Controller with Microprocessor Interface 1 2 3 4 5 MoreWinbond
TLV5633C2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN 1 2 3 4 5 MoreTexas Instruments
MC144428-BIT A/D CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreMotorola, Inc

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl