Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4720BT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4720BT
Description  256-bit, 1-bit per word random access memories
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4720BT Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4720BT Datasheet HTML 1Page - NXP Semiconductors HEF4720BT Datasheet HTML 2Page - NXP Semiconductors HEF4720BT Datasheet HTML 3Page - NXP Semiconductors HEF4720BT Datasheet HTML 4Page - NXP Semiconductors HEF4720BT Datasheet HTML 5Page - NXP Semiconductors HEF4720BT Datasheet HTML 6Page - NXP Semiconductors HEF4720BT Datasheet HTML 7Page - NXP Semiconductors HEF4720BT Datasheet HTML 8Page - NXP Semiconductors HEF4720BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
January 1995
3
Philips Semiconductors
Product specification
256-bit, 1-bit per word random access memories
HEF4720B
HEF4720V
IDD LIMITS
See below.
FUNCTION TABLE
Notes
1. H = HIGH state (the more positive voltage)
L = LOW state (the less positive voltage)
X = state is immaterial
Z = high impedance OFF-state
CS
W
O
O
MODE
L
H
data written
complement of data
write
into memory
written into memory
L
L
data written
complement of data
read
into memory
written into memory
H
X
Z
Z
inhibit
PINNING
CS
chip select input (active LOW)
W
write enable input
D
data input
A0 to A7
address inputs
O
3-state output (active HIGH)
O
3-state output (active LOW)
SUPPLY VOLTAGE
The values given at VDD = 15 V in the following DC and
AC characteristics, are not applicable to the HEF4720V,
because of its lower supply voltage range.
DC CHARACTERISTICS
VSS =0 V
RATING
RECOMMENDED OPERATING
STAND-BY MIN.
HEF4720B
−0,5 to 18
3,0 to 15,0
3
V
HEF4720V
−0,5 to 18
4,5 to 12,5
3
V
VDD
V
VOL
V
SYMBOL
Tamb (°C)
−40
+25
+85
MIN.
MAX. MIN.
MAX.
MIN.
MAX.
Output current
4,75
0,4
2,4
2
1,6
mA
LOW
10
0,5
IOL
4,8
4
3,2
mA
15
1,5
10,0
10
7,5
mA
Quiescent device
5
25
25
200
µA
current
10
IDD
50
50
400
µA
15
100
100
800
µA
Input leakage current
HEF4720V
10
±I
IN
0,3
0,3
1
µA
HEF4720B
15
0,3
0,3
1
µA


Similar Part No. - HEF4720BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4724 PHILIPS-HEF4724 Datasheet
71Kb / 7P
   8-bit addressable latch
January 1995
HEF4724B PHILIPS-HEF4724B Datasheet
71Kb / 7P
   8-bit addressable latch
January 1995
HEF4724BD PHILIPS-HEF4724BD Datasheet
71Kb / 7P
   8-bit addressable latch
January 1995
HEF4724BF PHILIPS-HEF4724BF Datasheet
71Kb / 7P
   8-bit addressable latch
January 1995
HEF4724BN PHILIPS-HEF4724BN Datasheet
71Kb / 7P
   8-bit addressable latch
January 1995
More results

Similar Description - HEF4720BT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74S301 TI-SN74S301 Datasheet
201Kb / 4P
[Old version datasheet]   256-BIT High-Performance random-access memories
TMS44100 TI-TMS44100 Datasheet
383Kb / 25P
[Old version datasheet]   4194304-WORD BY 1-BIT DYNAMIC RANDOM-ACCESS MEMORIES
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
logo
Texas Instruments
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44C256 TI-TMS44C256 Datasheet
705Kb / 32P
[Old version datasheet]   262.144-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
JUNE 1986 - REVISED MAY 1988
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416100 TI1-TMS416100 Datasheet
368Kb / 25P
[Old version datasheet]   16777216-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS4256 TI-TMS4256 Datasheet
1Mb / 23P
[Old version datasheet]   262,144-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS45160 TI1-TMS45160_08 Datasheet
361Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
TMS45160 TI-TMS45160 Datasheet
353Kb / 23P
[Old version datasheet]   262144-WORD BY 16-BIT HIGH-SPEED DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com