Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7107CM44ZT Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7107CM44ZT
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107CM44ZT Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7107CM44ZT Datasheet HTML 5Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 6Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 7Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 8Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 9Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 10Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 11Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 12Page - Intersil Corporation ICL7107CM44ZT Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN3082.8
System Timing
Figure 9 shows the clocking arrangement used in the
ICL7106 and ICL7107. Two basic clocking arrangements
can be used:
1. Figure 9A. An external oscillator connected to pin 40.
2. Figure 9B. An R-C oscillator using all three pins.
The oscillator frequency is divided by four before it clocks the
decade counters. It is then further divided to form the three
convert-cycle phases. These are signal integrate (1000
counts), reference de-integrate (0 to 2000 counts) and
auto-zero (1000 to 3000 counts). For signals less than full
scale, auto-zero gets the unused portion of reference
de-integrate. This makes a complete measure cycle of 4,000
counts (16,000 clock pulses) independent of input voltage.
For three readings/second, an oscillator frequency of 48kHz
would be used.
To achieve maximum rejection of 60Hz pickup, the signal
integrate cycle should be a multiple of 60Hz. Oscillator
frequencies of 240kHz, 120kHz, 80kHz, 60kHz, 48kHz,
40kHz, 331/3kHz, etc. should be selected. For 50Hz
rejection, Oscillator frequencies of 200kHz, 100kHz,
662/3kHz, 50kHz, 40kHz, etc. would be suitable. Note that
40kHz (2.5 readings/second) will reject both 50Hz and 60Hz
(also 400Hz and 440Hz).
7
SEGMENT
DECODE
TO
SEGMENT
0.5mA
8mA
DIGITAL GROUND
TYPICAL SEGMENT OUTPUT
V+
LATCH
7
SEGMENT
DECODE
LOGIC CONTROL
7
SEGMENT
DECODE
1000’s
100’s
10’s
1’s
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
DIGITAL
GROUND
÷4
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
V+
TEST
500
COUNTER
COUNTER
COUNTER
COUNTER
1
V+
37
27
c
a
b
c
d
f
g
e
a
b
a
b
c
d
f
g
e
a
b
c
d
f
g
e
THREE INVERTERS
ONE INVERTER SHOWN FOR CLARITY
FIGURE 8. ICL7107 DIGITAL SECTION
CLOCK
INTERNAL TO PART
40
39
38
GND ICL7107
÷4
CLOCK
INTERNAL TO PART
40
39
38
÷4
RC OSCILLATOR
R
C
TEST ICL7106
FIGURE 9B.
FIGURE 9. CLOCK CIRCUITS
FIGURE 9A.
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107CM44ZT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107CM44ZT INTERSIL-ICL7107CM44ZT Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
ICL7107CM44ZT INTERSIL-ICL7107CM44ZT Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Renesas Technology Corp
ICL7107CM44ZT RENESAS-ICL7107CM44ZT Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107CM44ZT ARTSCHIP-ICL7107CM44ZT Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107CM44ZT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com