Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1703BWG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1703BWG-7
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1703BWG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1703BWG-7 Datasheet HTML 1Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 2Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 3Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 4Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 5Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 6Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 7Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 8Page - Diodes Incorporated AP1703BWG-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AP1701/2/3/4
3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
4 of 9
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Function Description
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The AP1701/2/3/4 assert reset to prevent
code-execution errors during power-up, power-down, or
brownout conditions. They assert a reset signal whenever the VCC
supply voltage declines below a preset threshold, keeping it
asserted for at least 240ms after VCC has risen above the reset
threshold. The AP1701/2/3/4 have a push-pull output stage.
Applications Information
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, the AP1701/2/3/4 are
relatively immune to short-duration negative-going VCC transients
(glitches).
The AP1701/2/3/4 do not generate a reset pulse. The
graph was generated using a negative going pulse applied to VCC,
starting 0.5V above the actual reset threshold and ending below it
by the magnitude indicated (reset comparator overdrive). The
graph indicates the maximum pulse width a negative going VCC
transient can have without causing a reset pulse. As the
magnitude of the transient increases (goes farther below the
reset threshold), the maximum allowable pulse width decreases.
Typically, a VCC transient that goes 100mV below the reset
threshold and lasts 100µs or less will not cause a reset pulse. A
0.1µF bypass capacitor mounted as close as possible to the VCC
pin provides additional transient immunity.
Ensuring a Valid Reset Output
Down to VCC = 0
RESET is guaranteed to be a logic low for V
CC > 1V.
Once VCC exceeds the reset threshold, an internal timer keeps
RESET low for the reset timeout period; after this interval,
RESET goes high. If a brownout condition occurs (V
CC dips
below the reset threshold),
RESET goes low. Any time V
CC
goes below the reset threshold, the internal timer resets to zero,
and
RESET goes low. The internal timer starts after V
CC
returns above the reset threshold, and
RESET remains low
for the reset timeout period.
When VCC falls below 1V, the AP1701/3
RESET
output no longer sinks current—it becomes an open circuit.
Therefore, high-impedance CMOS logic inputs connected to
RESET can drift to undetermined voltages.
This presents no problem in most applications since most µP and
other circuitry is inoperative with VCC below 1V. However, in
applications where
RESET must be valid down to 0V, adding a
pull down resistor to
RESET causes any stray leakage
currents to flow to ground, holding
RESET low. R1’s value is
not critical; 100k are large enough not to load
RESET and
small enough to pull
RESET to ground. For the AP1702/4 if
RESET is required to remain valid for V
CC < 1V.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages
between 5% and 10% below the value of nominal supply voltages.
This ensures a reset will not occur within 5% of the nominal
supply, but will occur when the supply is 10% below nominal.
When using ICs rated at only the nominal supply ±5%, this leaves
a zone of uncertainty where the supply is between 5% and 10%
low, and where the reset may or may not be asserted.
RESET
Block Diagram
VREF
Delay Circuit
Driver
RESET
/ RESET


Similar Part No. - AP1703BWG-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1703BW ANACHIP-AP1703BW Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
AP1703BWL ANACHIP-AP1703BWL Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results

Similar Description - AP1703BWG-7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com