Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406 Datasheet(PDF) 10 Page - Intersil Corporation

Part # DG406
Description  Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG406 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button DG406_06 Datasheet HTML 5Page - Intersil Corporation DG406_06 Datasheet HTML 6Page - Intersil Corporation DG406_06 Datasheet HTML 7Page - Intersil Corporation DG406_06 Datasheet HTML 8Page - Intersil Corporation DG406_06 Datasheet HTML 9Page - Intersil Corporation DG406_06 Datasheet HTML 10Page - Intersil Corporation DG406_06 Datasheet HTML 11Page - Intersil Corporation DG406_06 Datasheet HTML 12Page - Intersil Corporation DG406_06 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
FN3116.9
March 13, 2006
Die Characteristics
DIE DIMENSIONS:
2490
µm x 4560µm x 485µm
METALLIZATION:
Type: SiAl
Thickness: 12k
Å ±1kÅ
PASSIVATION:
Type: Nitride
Thickness: 8k
Å ±1kÅ
WORST CASE CURRENT DENSITY:
9.1 x 104 A/cm2
Metallization Mask Layout
DG406
V-
S16
D
NC
V+
S5
A0
EN
S7
S6
S5
S4
S3
S2
S1
A1
A2
A3
GND
S15
S14
S13
S12
S11
S10
S9
DG406, DG407


Similar Part No. - DG406_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406/883 INTERSIL-DG406/883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
List of Unclassifed Man...
DG4062 ETC-DG4062 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Intersil Corporation
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Maxim Integrated Produc...
DG406AK MAXIM-DG406AK Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
DG406AK MAXIM-DG406AK Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
More results

Similar Description - DG406_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com