Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406 Datasheet(PDF) 8 Page - Intersil Corporation

Part # DG406
Description  Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG406 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button DG406 Datasheet HTML 4Page - Intersil Corporation DG406 Datasheet HTML 5Page - Intersil Corporation DG406 Datasheet HTML 6Page - Intersil Corporation DG406 Datasheet HTML 7Page - Intersil Corporation DG406 Datasheet HTML 8Page - Intersil Corporation DG406 Datasheet HTML 9Page - Intersil Corporation DG406 Datasheet HTML 10Page - Intersil Corporation DG406 Datasheet HTML 11Page - Intersil Corporation DG406 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN3116.9
March 13, 2006
Typical Performance Curves
FIGURE 4. rDS(ON) vs VD AND SUPPLY
FIGURE 5. rDS(ON) vs VD AND TEMPERATURE
FIGURE 6. rDS(ON) vs VD AND SUPPLY
FIGURE 7. ID, IS LEAKAGE CURRENTS vs ANALOG VOLTAGE
FIGURE 8. ID , IS LEAKAGE vs TEMPERATURE
FIGURE 9. SWITCHING TIMES vs BIPOLAR SUPPLIES
±5V
±8V
±10V
±12V
±15V
±20V
160
140
120
100
80
60
40
20
0
-20
-16
-12
-8
-4
0
4
8
12
16
20
VD, DRAIN VOLTAGE (V)
125oC
-40oC
-55oC
25oC
85oC
0oC
V+ = 15V
V- = -15V
80
70
60
50
40
30
20
10
0
-15
-10
-5
5
10
015
VD , DRAIN VOLTAGE (V)
V- = 0V
V+ = 7.5V
10V
12V
15V
20V
22V
240
200
160
120
80
40
0
04
8
12
16
20
VD , DRAIN VOLTAGE (V)
-10
-5
5
10
015
VS, VD, SOURCE DRAIN VOLTAGE (V)
V+ = 15V, V- = -15V
VS = -VD FOR ID(OFF)
VD = VS(OPEN) FOR ID(ON)
IS(OFF)
DG406 ID(ON), ID(OFF)
-15
120
80
40
0
-40
-80
-120
DG407 ID(ON), ID(OFF)
V+ = 15V, V- = -15V
VS OR VD = ±10V
IS(OFF)
ID(ON), ID(OFF)
100nA
10nA
1nA
100pA
10pA
1pA
0.1pA
-55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (oC)
350
300
250
200
150
100
50
0
510
15
20
VSUPPLY, SUPPLY VOLTAGE (±V)
tTRANS
tON(EN)
tOFF(EN)
DG406, DG407


Similar Part No. - DG406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Maxim Integrated Produc...
DG406 MAXIM-DG406 Datasheet
141Kb / 12P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 3; 6/99
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406 VISHAY-DG406 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - DG406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com