Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG303AAK Datasheet(PDF) 2 Page - Intersil Corporation

Part # DG303AAK
Description  TTL-Compatible, CMOS Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG303AAK Datasheet(HTML) 2 Page - Intersil Corporation

  DG303AAK Datasheet HTML 1Page - Intersil Corporation DG303AAK Datasheet HTML 2Page - Intersil Corporation DG303AAK Datasheet HTML 3Page - Intersil Corporation DG303AAK Datasheet HTML 4Page - Intersil Corporation DG303AAK Datasheet HTML 5Page - Intersil Corporation DG303AAK Datasheet HTML 6Page - Intersil Corporation DG303AAK Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Pin Descriptions
DG303A
(SPDT)
DG303A (CERDIP, PDIP)
TOP VIEW
DG303ACY (SOIC)
TOP VIEW
Functional Diagrams and Pinouts (Switches shown for a logic “1” input) (Continued)
S1
S3
IN1
D1
D3
S4
S2
IN2
D4
D2
NC
S3
D3
D1
S1
IN1
GND
V+
S4
D4
D2
S2
IN2
V-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NC
S3
D3
D1
S1
IN1
NC
GND
V+
D4
D2
S2
IN2
V-
NC
S4
DG303A TRUTH TABLE
LOGIC
SWITCH 1 AND 2
SWITCH 3 AND 4
0OFF
ON
1ON
OFF
Logic “0”
≤ 0.8V, Logic “1” ≥ 4.0V.
PIN
SYMBOL
DESCRIPTION
DG300A
1
NC
No Connection
2D1
Drain (Output) Terminal for Switch 1
3
NC
No Connection
4S1
Source (Input) Terminal for Switch 1
5
NC
No Connection
6IN1
Logic Control for Switch 1
7
GND
Ground Terminal (Logic Common)
8
V-
Negative Power Supply Terminal
9IN2
Logic Control for Switch 2
10
NC
No Connection
11
NC
No Connection
12
S2
Source (Input) Terminal for Switch 2
13
D2
Drain (Output) Terminal for Switch 2
14
V+
Positive Power Supply Terminal
DG301A
1
NC
No Connection
2D1
Drain (Output) Terminal for Switch 1
3
NC
No Connection
4S1
Source (Input) Terminal for Switch 1
5
IN
Logic Control for Switches
6
GND
Ground Terminal (Logic Common)
7
V-
Negative Power Supply Terminal
8
NC
No Connection
9
NC
No Connection
10
S2
Source (Input) Terminal for Switch 2
11
NC
No Connection
12
D2
Drain (Output) Terminal for Switch 2
13
NC
No Connection
14
V+
Positive Power Supply Terminal
DG303A
1
NC
No Connection
2S3
Source (Input) Terminal for Switch 3
3D3
Drain (Output) Terminal for Switch 3
4D1
Drain (Output) Terminal for Switch 1
5S1
Source (Input) Terminal for Switch 1
6IN1
Logic Control for Switch 1
7
GND
Ground Terminal (Logic Common)
8
V-
Negative Power Supply Terminal
9IN2
Logic Control for Switch 2
10
S2
Source (Input) Terminal for Switch 2
11
D2
Drain (Output) Terminal for Switch 2
12
D4
Drain (Output) Terminal for Switch 4
13
S4
Source (Input) Terminal for Switch 4
14
V+
Positive Power Supply Terminal
PIN
SYMBOL
DESCRIPTION
DG300A, DG301A, DG303A


Similar Part No. - DG303AAK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG303AAK INTERSIL-DG303AAK Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
TEMIC Semiconductors
DG303AAK TEMIC-DG303AAK Datasheet
97Kb / 10P
   CMOS Analog Switches
DG303AAK/883 TEMIC-DG303AAK/883 Datasheet
97Kb / 10P
   CMOS Analog Switches
More results

Similar Description - DG303AAK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com