Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC16AT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # 1.5SMC16AT3G
Description  1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5SMC16AT3G Datasheet(HTML) 5 Page - ON Semiconductor

  1.5SMC16AT3G Datasheet HTML 1Page - ON Semiconductor 1.5SMC16AT3G Datasheet HTML 2Page - ON Semiconductor 1.5SMC16AT3G Datasheet HTML 3Page - ON Semiconductor 1.5SMC16AT3G Datasheet HTML 4Page - ON Semiconductor 1.5SMC16AT3G Datasheet HTML 5Page - ON Semiconductor 1.5SMC16AT3G Datasheet HTML 6Page - ON Semiconductor 1.5SMC16AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1.5SMC6.8AT3 Series
http://onsemi.com
5
APPLICATION NOTES
RESPONSE TIME
In most applications, the transient suppressor device is
placed in parallel with the equipment or component to be
protected. In this situation, there is a time delay associated
with the capacitance of the device and an overshoot
condition associated with the inductance of the device and
the inductance of the connection method. The capacitive
effect is of minor importance in the parallel protection
scheme because it only produces a time delay in the
transition from the operating voltage to the clamp voltage as
shown in Figure 5.
The inductive effects in the device are due to actual
turn-on time (time required for the device to go from zero
current to full current) and lead inductance. This inductive
effect produces an overshoot in the voltage across the
equipment or component being protected as shown in
Figure 6. Minimizing this overshoot is very important in the
application, since the main purpose for adding a transient
suppressor is to clamp voltage spikes. The SMC series have
a very good response time, typically < 1.0 ns and negligible
inductance. However, external inductive effects could
produce unacceptable overshoot. Proper circuit layout,
minimum lead lengths and placing the suppressor device as
close as possible to the equipment or components to be
protected will minimize this overshoot.
Some input impedance represented by Zin is essential to
prevent overstress of the protection device. This impedance
should be as high as possible, without restricting the circuit
operation.
DUTY CYCLE DERATING
The data of Figure 1 applies for non-repetitive conditions
and at a lead temperature of 25
°C. If the duty cycle increases,
the peak power must be reduced as indicated by the curves
of Figure 7. Average power must be derated as the lead or
ambient temperature rises above 25
°C. The average power
derating curve normally given on data sheets may be
normalized and used for this purpose.
At first glance the derating curves of Figure 7 appear to be
in error as the 10 ms pulse has a higher derating factor than
the 10
ms pulse. However, when the derating factor for a
given pulse of Figure 7 is multiplied by the peak power value
of Figure 1 for the same pulse, the results follow the
expected trend.


Similar Part No. - 1.5SMC16AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC16AT3G ONSEMI-1.5SMC16AT3G Datasheet
154Kb / 7P
   Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1.5SMC16AT3G ONSEMI-1.5SMC16AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Littelfuse
1.5SMC16AT3G LITTELFUSE-1.5SMC16AT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1.5SMC16AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
SZ1SMA33AT3G ONSEMI-SZ1SMA33AT3G Datasheet
131Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional
February, 2012 ??Rev. 14
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com