Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC20AT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1.5SMC20AT3G
Description  1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5SMC20AT3G Datasheet(HTML) 4 Page - ON Semiconductor

  1.5SMC20AT3G Datasheet HTML 1Page - ON Semiconductor 1.5SMC20AT3G Datasheet HTML 2Page - ON Semiconductor 1.5SMC20AT3G Datasheet HTML 3Page - ON Semiconductor 1.5SMC20AT3G Datasheet HTML 4Page - ON Semiconductor 1.5SMC20AT3G Datasheet HTML 5Page - ON Semiconductor 1.5SMC20AT3G Datasheet HTML 6Page - ON Semiconductor 1.5SMC20AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.5SMC6.8AT3 Series
http://onsemi.com
4
NONREPETITIVE
PULSE WAVEFORM
SHOWN IN FIGURE 2
tP, PULSE WIDTH
1
10
100
0.1 ms1 ms10 ms
100 ms
1 ms
10 ms
Figure 1. Pulse Rating Curve
0
123
4
0
50
100
t, TIME (ms)
HALF VALUE − IPP
2
PEAK VALUE − IPP
Figure 2. Pulse Waveform
Figure 3. Pulse Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
120
140
160
tP
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50%
OF IPP.
DVBR, INSTANTANEOUS INCREASE IN VBR ABOVE VBR (NOM) (VOLTS)
0.3
0.5 0.7 1
2
3
5
7 10
20 30
1000
500
200
100
50
1
2
5
10
20
TL =25°C
tP =10 ms
VBR (NOM)=6.8TO13V
20V
24V
43V
75V
120V
180V
Figure 4. Dynamic Impedance
tr ≤ 10 ms
UL RECOGNITION
The
entire
series
has
Underwriters
Laboratory
Recognition for the classification of protectors (QVGV2)
under the UL standard for safety 497B and File #E210057.
Many competitors only have one or two devices recognized
or have recognition in a non-protective category. Some
competitors have no recognition at all. With the UL497B
recognition, our parts successfully passed several tests
including Strike Voltage Breakdown test, Endurance
Conditioning, Temperature test, Dielectric Voltage-Withstand
test, Discharge test and several more.
Whereas, some competitors have only passed a
flammability test for the package material, we have been
recognized for much more to be included in their Protector
category.


Similar Part No. - 1.5SMC20AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC20AT3G ONSEMI-1.5SMC20AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
logo
Littelfuse
1.5SMC20AT3G LITTELFUSE-1.5SMC20AT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1.5SMC20AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC6.8AT3G ONSEMI-1.5SMC6.8AT3G Datasheet
175Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 10
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
SZ1SMA33AT3G ONSEMI-SZ1SMA33AT3G Datasheet
131Kb / 5P
   400 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional
February, 2012 ??Rev. 14
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com