Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4751VT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4751VT
Description  Universal divider
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4751VT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4751VT Datasheet HTML 2Page - NXP Semiconductors HEF4751VT Datasheet HTML 3Page - NXP Semiconductors HEF4751VT Datasheet HTML 4Page - NXP Semiconductors HEF4751VT Datasheet HTML 5Page - NXP Semiconductors HEF4751VT Datasheet HTML 6Page - NXP Semiconductors HEF4751VT Datasheet HTML 7Page - NXP Semiconductors HEF4751VT Datasheet HTML 8Page - NXP Semiconductors HEF4751VT Datasheet HTML 9Page - NXP Semiconductors HEF4751VT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
January 1995
6
Philips Semiconductors
Product specification
Universal divider
HEF4751V
LSI
PROGRAMME DATA INPUT (see also Figs 3 and 4)
The programming process is timed and controlled by input
PC and PE. When the programme enable (PE) input is
HIGH; the positive edges of the programme clock (PC)
signal step through the internal programme counter in a
sequence of 8 states. Seven states define fetch periods,
each indicated by a LOW signal at one of the
corresponding data address outputs (OD0 to OD6). These
data address signals may be used to address the external
programme source. The data fetched from the programme
source is applied to inputs A0 to A3 and B0 to B3. When PC
is LOW in a fetch period an internal load pulse is
generated, the data is valid during this time and has to be
stable. When PE is LOW, the programming cyclus is
interrupted on the first positive edge of PC. On the next
negative edge at input PC fetch period 6 is entered. Data
may enter asynchronously in fetch period 6.
Ten blocks in the U.D. need programme input signals (see
Fig.2). Four of these (C0b, C3, C4 and RSH) are
concerned with the configuration of the U.D. and are
programmed in fetch period 6. The remaining blocks (RS0
to RS4 and C1) are programmed with number P,
consisting of six internal digits n0 to n5.
P=(n5 ⋅ 104 + n4 ⋅ 103 + n3 ⋅ 102 + n2 ⋅ 10 + n1) ⋅ M + n0
These digits are formed by a substractor from two external
numbers A and B and a borrow-in (bin).
P=A
− B − bin or if this result is negative;
P=A
− B − bin + M ⋅ 105.
The numbers A and B, each consisting of six four bit digits
n0A to n5A and n0B to n5B, are applied in fetch period 0 to 5
to the inputs A0 to A3 (data A) and B0 to B3 (data B) in
binary coded negative logic.
A = (n5A ⋅ 104 + n4A ⋅ 103 + n3A ⋅ 102 + n2A ⋅ 10 + n1A) ⋅ M
+ n0A.
B=(n5B ⋅ 104 + n4B ⋅ 103 + n3B ⋅ 102 + n2B ⋅ 10 + n1B) ⋅ M
+ n0B.
Borrow-in (bin) is applied via input SI in fetch period 0
(SI = HIGH: borrow, SI = LOW: no borrow).
Counter C1 is automatically programmed with the most
significant non-zero digit (nms) from the internal digits n5 to
n2 of number P. The counter chain C − 2 to C1 (see Fig.3)
is fully programmable by the use of pulse rate feedback.
Rate feedback is generated by the rate selectors RS4 to
RS0 and RSH, which are programmed with digits n4 to
n0 and nh respectively. In fetch period 6 the fractional
counter C3, half channel counter C4 and C0b are
programmed and configured via data B inputs. Counter C3
is programmed in fetch period 6 via data A inputs in
negative logic (except all HIGH is understood as: M = 16).
The counter C0 is a side steppable 10/11 counter
composed of an internal part C0b and an external part C0a.
C0b is configured via B3 and B2 to a division ratio of 1 or 2
or 5 or 10/11; C0a must have the complementary ratio
10/11 or 5/6 or 2/3 or 1 respectively. In the latter case
C0b comprises the whole C0 counter with internal
feedback, C0a is then not required.
The half channel counter C4 is enabled with B0 = HIGH
and disabled with B0 = LOW. With C4 enabled, a half
channel offset can be programmed with input B1 = HIGH,
and no offset with B1 = LOW.
FEEDBACK TO PRESCALERS (see also Figs 5 and 6)
The counters C1, C0, C
−1 and C−2 are side-steppable
counters, i.e. its division ratio may be increased by one, by
applying a pulse to a control terminal for the duration of
one division cycle. Counter C2 has 10 states, which are
accessible as timing signals for the rate selectors RS1 to
RS4. A rate selector, programmed with n (n1 to n4 in the
U.D.) generates n of 10 basic timing periods an active
signal. Since n
≤ 9, 1 of 10 periods is always non-active. In
this period RS1 transfers the output of rate selector RS0,
which is timed by counter C3 and programmed with n0.
Similarly, RS0 transfers RSH output during one period of
C3. Rate selector RSH is timed by C4 and programmed
with nh. In one of the two states of C4, if enabled, or
always, if C4 is disabled, RSH transfers the LOW active
signal at input RI to RS0. If RI is not used it must be
connected to HIGH. The feedback output signals of RS1,
RS2 and RS3 are externally available as active LOW
signals at outputs OFB1, OFB2 and OFB3.
Output OFB1 is intended for the prescaler at the highest
frequency (if present), OFB2 for the next (if present) and
OFB3 for the lowest frequency prescaler (if present). A
prescaler needs a feedback signal, which is timed on one
of its own division cycles in a basic timing period. The
timing signal at OSY is LOW during the last U.D. input
period of a basic timing period and is suitable for timing of
the feedback for the last external prescaler. The
synchronization signal for a preceding prescaler is the
OR-function of the sync. input and sync. output of the
following prescaler (all sync. signals active LOW).


Similar Part No. - HEF4751VT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
More results

Similar Description - HEF4751VT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
logo
Integrated Device Techn...
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_16 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EL33 ONSEMI-MC10EL33_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 11
MC10EP32 ONSEMI-MC10EP32_16 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC10EL32 ONSEMI-MC10EL32_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 9
logo
Texas Instruments
4214BP TI1-4214BP Datasheet
430Kb / 6P
[Old version datasheet]   MULTIPLER - DIVIDER
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
   Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com