Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTD143ES Datasheet(PDF) 1 Page - Rohm

Part # DTD143ES
Description  500mA / 50V Digital transistors (with built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTD143ES Datasheet(HTML) 1 Page - Rohm

  DTD143ES Datasheet HTML 1Page - Rohm DTD143ES Datasheet HTML 2Page - Rohm DTD143ES Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTD143EK / DTD143EC / DTD143ES
Transistors
Rev.B
1/2
500mA / 50V Digital transistors
(with built-in resistors)
DTD143EK / DTD143EC / DTD143ES
Applications
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin film resistors with
complete isolation to allow negative biasing
of the input. They also have the advantage of almost
completely eliminating parasitic effects.
3) Only the on / off conditions need to be set for
operation, making the device design easy.
Structure
NPN epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
Taping Taping Taping
SMT3
SST3
DTD143EK
Part No.
DTD143EC
T146
3000
SPT
TP
5000
T116
3000
DTD143ES
Package
Packaging type
Code
Basic ordering unit (pieces)
External dimensions (Unit : mm)
Each lead has same dimensions
Abbreviated symbol : F23
Each lead has same dimensions
Abbreviated symbol : R23
(1) GND
(2) OUT
(3) IN
ROHM : SPT
EIAJ : SC-72
DTD143ES
(1) GND
(2) IN
(3) OUT
ROHM : SST3
DTD143EC
Abbreviated symbol : D143ES
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTD143EK
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
0.45
0.95
0.15
2.9
0.95
(1)
(3)
0.95
(2)
1.9
0.4
0.45
2.5
(1) (2) (3)
5.0
0.45
0.5
4.0
2.0
Absolute maximum ratings (Ta=25
°C)
Equivalent circuit
Limits
Parameter
Symbol
VCC
50
−10 to +30
500
200
300
150
−55 to +150
V
VIN
V
mA
mW
°C
°C
IC
PD
Tj
Tstg
Unit
DTD143EK DTD143EC DTD143ES
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
R1
R2
IN
R1=R2=4.7k
GND
OUT
IN
GND
OUT


Similar Part No. - DTD143ES

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD143ES ROHM-DTD143ES Datasheet
59Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTD143ES LRC-DTD143ES Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
logo
E-Tech Electronics LTD
DTD143ES ETL-DTD143ES Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
More results

Similar Description - DTD143ES

ManufacturerPart #DatasheetDescription
logo
Rohm
DTD113ZK ROHM-DTD113ZK_1 Datasheet
76Kb / 4P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114EK ROHM-DTD114EK_1 Datasheet
165Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114GK ROHM-DTD114GK_1 Datasheet
208Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD122JK ROHM-DTD122JK_1 Datasheet
75Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD123EK ROHM-DTD123EK_09 Datasheet
142Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTB113EK ROHM-DTB113EK_09 Datasheet
142Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTB113ZK ROHM-DTB113ZK_09 Datasheet
162Kb / 3P
   -500mA / -50V Digital transistors (with built-in resistors)
DTD113EK ROHM-DTD113EK_1 Datasheet
74Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD114EK ROHM-DTD114EK_09 Datasheet
165Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
DTD123EK ROHM-DTD123EK_1 Datasheet
73Kb / 3P
   500mA / 50V Digital transistors (with built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com