Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4751VN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4751VN
Description  Universal divider
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4751VN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4751VN Datasheet HTML 2Page - NXP Semiconductors HEF4751VN Datasheet HTML 3Page - NXP Semiconductors HEF4751VN Datasheet HTML 4Page - NXP Semiconductors HEF4751VN Datasheet HTML 5Page - NXP Semiconductors HEF4751VN Datasheet HTML 6Page - NXP Semiconductors HEF4751VN Datasheet HTML 7Page - NXP Semiconductors HEF4751VN Datasheet HTML 8Page - NXP Semiconductors HEF4751VN Datasheet HTML 9Page - NXP Semiconductors HEF4751VN Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
January 1995
8
Philips Semiconductors
Product specification
Universal divider
HEF4751V
LSI
CASCADING OF U.D.s (see also Fig. 8)
A U.D. is programmed into the ‘slave’ mode by the
programme input data: n2A = 11, n2B = 10,
n3A =n4A =n3B =n4B =n5B = 0. A U.D. operating in the
slave mode performs the function of two extra
programmable stages C2’ and C3’ to a ‘master’ (not slave)
mode operating U.D. More slave U.D.s may be used,
every slave adding two lower significant digits to the
system.
Output OFB3 is converted to the borrow output of the
programme data subtractor, which is valid after fetch
period 5. Input SI is the borrow input (both in master and in
slave mode), which has to be valid in fetch period 0. Input
SI has to be connected to output OFB3 of a following slave,
if not present, to LOW. For proper transfer of the borrow
from a lower to a higher significant U.D. subtractor, the
U.D.s have to be programmed sequentially in order of
significance or synchronously if the programme is
repeated at least the number of U.D.s in the system.
Rate input RI and output OFS must be connected to rate
output OFB1 and the input IN of the next slave U.D. The
combination thus formed retains the full programmability
and features of one U.D.
OUTPUT (see also Fig.7)
The normal output of the U.D. is the slow output OFS,
which consists of evenly spaced LOW pulses. This output
is intended for accurate phase comparison. If a better
frequency acquisition time is required, the fast output OFF
can be used. The output frequency on OFF is a factor
M
⋅ H higher than the frequency on OFS. However, phase
jitter of maximum
± 1 system input period occurs at OFF,
since the division ratio of the counters preceding OFF are
varied by slow feedback pulse trains from rate selectors
following OFF.
Fig.7 Timing diagram showing output pulses.


Similar Part No. - HEF4751VN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
More results

Similar Description - HEF4751VN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT8T79S818I-08 RENESAS-IDT8T79S818I-08 Datasheet
1,004Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
JULY 11, 2013
IDT8T79S828-08I RENESAS-IDT8T79S828-08I Datasheet
794Kb / 29P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
APRIL 22, 2014
logo
Integrated Device Techn...
IDT8T79S828I-08 IDT-IDT8T79S828I-08 Datasheet
479Kb / 28P
   1-to-8 Differential to Universal Output Clock Divider/Fanout Buffer
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_16 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EL33 ONSEMI-MC10EL33_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 11
MC10EP32 ONSEMI-MC10EP32_16 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC10EL32 ONSEMI-MC10EL32_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 9
logo
Texas Instruments
4214BP TI1-4214BP Datasheet
430Kb / 6P
[Old version datasheet]   MULTIPLER - DIVIDER
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
   Counter/Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com