Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4755V Datasheet(PDF) 3 Page - NXP Semiconductors

Part # HEF4755V
Description  Transceiver for serial data communication
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4755V Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4755V Datasheet HTML 1Page - NXP Semiconductors HEF4755V Datasheet HTML 2Page - NXP Semiconductors HEF4755V Datasheet HTML 3Page - NXP Semiconductors HEF4755V Datasheet HTML 4Page - NXP Semiconductors HEF4755V Datasheet HTML 5Page - NXP Semiconductors HEF4755V Datasheet HTML 6Page - NXP Semiconductors HEF4755V Datasheet HTML 7Page - NXP Semiconductors HEF4755V Datasheet HTML 8Page - NXP Semiconductors HEF4755V Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
January 1995
3
Philips Semiconductors
Product specification
Transceiver for serial data communication
HEF4755V
LSI
HEF4755VP(N):
28-lead DIL; plastic
(SOT117-2)
HEF4755VD(F):
28-lead DIL; ceramic (cerdip)
(SOT135)
HEF4755VT(D):
28-lead SO; plastic
(SOT136-1)
( ): Package Designator North America
PINNING
1
TST
Test pin; during normal use
connected to VSS. When TST is
HIGH (VDD), internal check points
are connected to the data bus.
2
ML0
Input code for message length (see
Table 1).
3
ML1
4
DIO0
Bidirectional data bus.
to
to
11
DIO7
12
RX
Mode input: receive; see Table 2
13
TX
Mode input: transmit; see Table 2
15
AS
Mode input: asynchronous;
see Table 2
16
R
Reset; a positive signal resets
all internal registers.
17
START
Input start in transmitting mode;
synchronization input (from MOS)
in synchronous receiving mode.
18
BUSY
Output busy; active during
receiving or transmitting a message.
19
HD
Hamming distance; determines the
length of the redundancy byte:
LOW = 7 bit (HD = 4)
HIGH = 15 bit (HD = 6)
20
MOS
Output message synchronization
used in synchronous mode.
21
MO
Message output.
22
MI
Message input.
23
DP
Output data pulse; take-over pulse
for data on the data bus.
24
ERR
Output error; an active output
means that at least 1 transmission
error is recognized.
25
CP
Clock input; in synchronous mode
equal to the transmission bit rate.
26
TT1
Programming of the permissible time
tolerance in bit distortion
(see Table 3).
27
TT0
28
VDD
Positive supply voltage; 4,5 V to
12,5 V (is the logic HIGH level).
14
VSS
Ground (is the logic LOW level).


Similar Part No. - HEF4755V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VD PHILIPS-HEF4750VD Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
168Kb / 17P
   Frequency synthesizer
January 1995
More results

Similar Description - HEF4755V

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8235 PHOENIX-8235 Datasheet
286Kb / 22P
   Inline communication terminal for serial data transmission
logo
Sharp Corporation
GP2W0110YP SHARP-GP2W0110YP Datasheet
700Kb / 24P
   TECHNICAL LITERATURE FOR Optical Data communication transceiver
GP2W1001YP SHARP-GP2W1001YP Datasheet
1Mb / 23P
   DEVICE SPECIPICATION FOR OPTICAL DATA COMMUNICATION TRANSCEIVER
logo
Yamar Electronics Ltd.
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
   IR RECEIVER FOR DATA COMMUNICATION
U2538B ATMEL-U2538B_05 Datasheet
201Kb / 9P
   IR Receiver for Data Communication
logo
STMicroelectronics
RX95HF STMICROELECTRONICS-RX95HF Datasheet
634Kb / 44P
   Near field communication transceiver for tag emulation
logo
API Technologies Corp
8575-8623 APITECH-8575-8623 Datasheet
1Mb / 2P
   Data Communication Circuits
logo
Siemens Semiconductor G...
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication
logo
List of Unclassifed Man...
SNAP-SCM-232 ETC2-SNAP-SCM-232 Datasheet
179Kb / 5P
   SNAP Serial Communication Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com