Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4794BT Datasheet(PDF) 4 Page - NXP Semiconductors

Part # HEF4794BT
Description  8-stage shift-and-store register LED driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4794BT Datasheet(HTML) 4 Page - NXP Semiconductors

  HEF4794BT Datasheet HTML 1Page - NXP Semiconductors HEF4794BT Datasheet HTML 2Page - NXP Semiconductors HEF4794BT Datasheet HTML 3Page - NXP Semiconductors HEF4794BT Datasheet HTML 4Page - NXP Semiconductors HEF4794BT Datasheet HTML 5Page - NXP Semiconductors HEF4794BT Datasheet HTML 6Page - NXP Semiconductors HEF4794BT Datasheet HTML 7Page - NXP Semiconductors HEF4794BT Datasheet HTML 8Page - NXP Semiconductors HEF4794BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Jun 30
4
Philips Semiconductors
Product specification
8-stage shift-and-store register LED driver
HEF4794B
FUNCTIONAL DESCRIPTION
Table 1
Function table; note 1
Note
1. H = HIGH state;
L = LOW state;
X = don’t care;
↑ = positive-going transition;
↓ = negative-going transition;
Z = high-impedance OFF state;
nc = no change;
O6' = the information in the seventh shift register
stage.
a) At the positive clock edge the information in the
7th register stage is transferred to the 8th register
stage and the OS output.
INPUTS
PARALLEL
OUTPUTS
SERIAL
OUTPUTS
CP
EO
STR
D
O0
On
OS
OS'
LX
X
Z
Z
O6'nc
LX
X
Z
Z
nc
O7
HL
X
nc
nc
O6'nc
HH
L
L
On − 1
O6'nc
HHH
H
On − 1
O6'nc
H
H
H
nc
nc
nc
O7
FAMILY DATA
See
“Family Specifications” except for: rating for DC
current into any open-drain output is 40 mA.
IDD LIMITS CATEGORY MSI
See
“Family Specifications” for ratings.
DC CHARACTERISTICS
VSS =0V.
SYMBOL
PARAMETER
CONDITIONS
Tamb (°C)
UNIT
−40
+25
+85
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
VOL
LOW level output
voltage
VI =VSS or VDD;
IO < 20 mA; VDD =5V
0.75
0.75
1.5
V
VI =VSS or VDD;
IO < 20 mA;
VDD =10V
0.75
0.75
1.5
V
VI =VSS or VDD;
IO < 20 mA;
VDD =15V
0.75
0.75
1.5
V
IOZH
HIGH level output
leakage current;
3-state
VO =15V; VDD =5V
2
2
15
µA
VO =15V; VDD =10V
2
2
15
µA
VO =15V; VDD =15V
2
2
15
µA


Similar Part No. - HEF4794BT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
HEF4794BT NEXPERIA-HEF4794BT Datasheet
251Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 10 - 6 January 2022
logo
NXP Semiconductors
HEF4794BT-Q100 NXP-HEF4794BT-Q100 Datasheet
135Kb / 17P
   8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
logo
Nexperia B.V. All right...
HEF4794BT-Q100 NEXPERIA-HEF4794BT-Q100 Datasheet
236Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
More results

Similar Description - HEF4794BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4794B PHILIPS-HEF4794B_15 Datasheet
192Kb / 18P
   8-stage shift-and-store register LED driver
Rev. 7-16 November 2011
logo
Nexperia B.V. All right...
HEF4794B-Q100 NEXPERIA-HEF4794B-Q100 Datasheet
236Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 2 - 7 November 2018
HEF4794B NEXPERIA-HEF4794B Datasheet
251Kb / 14P
   8-stage shift-and-store register LED driver
Rev. 10 - 6 January 2022
logo
NXP Semiconductors
HEF4794B-Q100 NXP-HEF4794B-Q100 Datasheet
135Kb / 17P
   8-stage shift-and-store register LED driver
Rev. 1-7 August 2012
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
HEF4894BT118 PHILIPS-HEF4894BT118 Datasheet
204Kb / 19P
   12-stage shift-and-store register LED driver
Rev. 8-22 November 2011
logo
Nexperia B.V. All right...
HEF4894B-Q100 NEXPERIA-HEF4894B-Q100 Datasheet
269Kb / 15P
   12-stage shift-and-store register LED driver
Rev. 2 - 23 November 2021
logo
NXP Semiconductors
HEF4894B PHILIPS-HEF4894B Datasheet
69Kb / 7P
   12-stage shift-and-store register LED driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com