Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A_ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ES2A_
Description  2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ES2A_ Datasheet(HTML) 3 Page - Diodes Incorporated

  ES2A_ Datasheet HTML 1Page - Diodes Incorporated ES2A_ Datasheet HTML 2Page - Diodes Incorporated ES2A_ Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS14002 Rev. 10 - 2
3 of 3
ES2A/A - ES2D/A
www.diodes.com
ES2XA = Product type marking code, ex: ES2BA (SMA package)
ES2X = Product type marking code, ex: ES2A (SMB package)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
ES2X(A)
Device
Packaging
Shipping
ES2xA-13-F
ES2x-13-F
SMA
SMB
5000/Tape & Reel
3000/Tape & Reel
Ordering Information (Note 6)
* x = Device type, e.g. ES2BA-13-F (SMA package); ES2A-13-F (SMB package).
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.
Marking Information


Similar Part No. - ES2A_

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
ES2A-2J BWTECH-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Continental Device Indi...
ES2A-2J CDIL-ES2A-2J Datasheet
273Kb / 2P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
logo
Gulf Semiconductor
ES2A-A GULFSEMI-ES2A-A Datasheet
164Kb / 2P
   SURFACE MOUNT FAST ULTRAFAST RECTIFIER VOLTAGE竊?0 TO 400V CURRENT竊?.0A
logo
Guangdong Juxing Electr...
ES2A-ES2K JUXING-ES2A-ES2K Datasheet
1Mb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
logo
Micro Commercial Compon...
ES2A-L MCC-ES2A-L Datasheet
400Kb / 4P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - ES2A_

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF2DDF DIODES-SF2DDF Datasheet
638Kb / 5P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
January 2019 Rev. 6 - 2
ES2A DIODES-ES2A Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. F-2
ES2G DIODES-ES2G_1 Datasheet
193Kb / 3P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. 6 - 2
ES2G DIODES-ES2G_10 Datasheet
123Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 8 - 2 September 2010
ES2G DIODES-ES2G Datasheet
57Kb / 2P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30212 Rev. A-2
ES2G DIODES-ES2G_15 Datasheet
123Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES2AA DIODES-ES2AA_10 Datasheet
120Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES2B-13-F DIODES-ES2B-13-F Datasheet
120Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES2A DIODES-ES2A_10 Datasheet
120Kb / 4P
   2.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14002 Rev. 12 - 2
logo
Won-Top Electronics
ER2A WTE-ER2A Datasheet
51Kb / 3P
   2.0A SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com