Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6367E153MR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6367E153MR
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367E153MR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6367E153MR Datasheet HTML 1Page - Torex Semiconductor XC6367E153MR Datasheet HTML 2Page - Torex Semiconductor XC6367E153MR Datasheet HTML 3Page - Torex Semiconductor XC6367E153MR Datasheet HTML 4Page - Torex Semiconductor XC6367E153MR Datasheet HTML 5Page - Torex Semiconductor XC6367E153MR Datasheet HTML 6Page - Torex Semiconductor XC6367E153MR Datasheet HTML 7Page - Torex Semiconductor XC6367E153MR Datasheet HTML 8Page - Torex Semiconductor XC6367E153MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
556
XC6367/6368 Series
MARK
PRODUCT SERIES
MARK
PRODUCT SERIES
A
XC6367A
K
XC6368A
B
XC6367B
L
XC6368B
C
XC6367C
M
XC6368C
D
XC6367D
N
XC6368D
E
XC6367E
P
XC6368E
F
XC6367F
R
XC6368F
OSCILLATION FREQUENCY (kHz)
OUTPUT VOLTAGE (V)
100
180
300
500
1
B
1
1
B
2
C
2
2
C
3
D
3
3
D
4
E
4
4
E
5
F
5
5
F
6
H
6
6
H
FOR CUSTOM PRODUCT
S
OSCILLATION FREQUENCY (kHz)
OUTPUT VOLTAGE (V)
100
180
300
500
0
0
0
A
A
1
1
1
B
B
2
2
2
C
C
3
3
3
D
D
4
4
4
E
E
5
5
5
F
F
6
6
6
H
H
7
7
7
K
K
8
8
8
L
L
9
9
9
M
M
MARKING RULE
XC6367/6368 Series
Represents product series
Represents integer of output voltage and oscillation frequency
Represents decimal number of output voltage and oscillation frequency
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
SOT-25
(TOP VIEW)


Similar Part No. - XC6367E153MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367E153MR TOREX-XC6367E153MR Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results

Similar Description - XC6367E153MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com