Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C3V6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DZ23C3V6
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ23C3V6 Datasheet(HTML) 1 Page - Diodes Incorporated

  DZ23C3V6 Datasheet HTML 1Page - Diodes Incorporated DZ23C3V6 Datasheet HTML 2Page - Diodes Incorporated DZ23C3V6 Datasheet HTML 3Page - Diodes Incorporated DZ23C3V6 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS18002 Rev. 14 - 2
1 of 4
DZ23C2V7-DZ23C51
www.diodes.com
ã Diodes Incorporated
DZ23C2V7 - DZ23C51
300mW DUAL SURFACE MOUNT ZENER DIODE
·
Dual Zeners in Common Cathode Configuration
·
300 mW Power Dissipation
·
Ideally Suited for Automatic Insertion
·
D
VZ For Both Diodes in One Case is £ 5%
·
Common Anode Style Available
See AZ Series
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Features
Maximum Ratings @TA = 25°C unless otherwise specified
·
Case: SOT-23
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
·
Polarity: See Diagram
·
Marking: Marking Code (See Page 2)
·
Weight: 0.008 grams (approximate)
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
300
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
417
°C/W
Operating and Storage Temperature Range
Tj,TSTG
–65 to +150
°C
Note:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
3. No purposefully added lead.
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
All Dimensions in mm
Device
Packaging
Shipping
(Type Number)-7-F
SOT-23
3000/Tape & Reel
* Add “-7-F” to the appropriate type number in Table on Page 2 example: 6.2V Zener = DZ23C6V2-7-F.
(Note 2)
Ordering Information
Note:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
SPICE MODELS: DZ23C27 DZ23C3V0 DZ23C3V3 DZ23C3V6 DZ23C3V9 DZ23C4V3 DZ23C4V7 DZ23C5V1 DZ23C5V6 DZ23C6V2 DZ23C6V8 DZ23C7V5
DZ23C8V2 DZ23C9V1 DZ23C10 DZ23C11 DZ23C12 DZ23C13 DZ23C15 DZ23C16 DZ23C18 DZ23C20 DZ23C22 DZ23C24 DZ23C27 DZ23C30
DZ23C33 DZ23C36 DZ23C39 DZ23C43 DZ23C47 DZ23C51


Similar Part No. - DZ23C3V6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C3V6 VISHAY-DZ23C3V6 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C3V6 VISHAY-DZ23C3V6 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C3V6 DIODES-DZ23C3V6 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C3V6 MCC-DZ23C3V6 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Taiwan Semiconductor Co...
DZ23C3V6 TSC-DZ23C3V6 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - DZ23C3V6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com