Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C4V7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BZX84C4V7
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C4V7 Datasheet(HTML) 4 Page - Diodes Incorporated

  BZX84C4V7 Datasheet HTML 1Page - Diodes Incorporated BZX84C4V7 Datasheet HTML 2Page - Diodes Incorporated BZX84C4V7 Datasheet HTML 3Page - Diodes Incorporated BZX84C4V7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS18001 Rev. 25 - 2
4 of 4
BZX84C2V4 - BZX84C39
www.diodes.com
Notes:
7. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Ordering Information (Note 7)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
XXX = Product Type Marking Code (See Page 2)
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Device
Packaging
Shipping
(Type Number)-7-F
SOT-23
3000/Tape & Reel
* Add “-7-F” to the appropriate type number in Table 1 (on Page 2). Example: 6.2V Zener = BZX84C6V2-7-F.
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
Code
J
K
L
M
N
P
R
S
T
U
V
W
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - BZX84C4V7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BZX84C4V7 CENTRAL-BZX84C4V7 Datasheet
336Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 350mW, 2.4 THRU 47 VOLTS
logo
Vishay Siliconix
BZX84C4V7 VISHAY-BZX84C4V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diode Semiconductor Kor...
BZX84C4V7 DSK-BZX84C4V7 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
logo
Yea Shin Technology Co....
BZX84C4V7 YEASHIN-BZX84C4V7 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Fairchild Semiconductor
BZX84C4V7 FAIRCHILD-BZX84C4V7 Datasheet
55Kb / 4P
   Zeners
More results

Similar Description - BZX84C4V7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com