Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5222B-A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N5222B-A
Description  500mW EPITAXIAL ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N5222B-A Datasheet(HTML) 1 Page - Diodes Incorporated

  1N5222B-A Datasheet HTML 1Page - Diodes Incorporated 1N5222B-A Datasheet HTML 2Page - Diodes Incorporated 1N5222B-A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS18006 Rev. 15 - 2
1 of 3
1N5221B - 1N5267B
www.diodes.com
ã Diodes Incorporated
1N5221B - 1N5267B
500mW EPITAXIAL ZENER DIODE
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
°C/W
Forward Voltage
@ IF = 200mA
VF
1.1
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +200
°C
·
Case: DO-35
·
Case Material: Glass
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Leads: Solderable per MIL-STD-202, Method 208
·
Terminals: Finish - Sn96.5Ag3.5. Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.13 grams (approximate)
·
500mW Power Dissipation
·
High Stability
·
Surface Mount Equivalents Available
·
Hermetic Package
·
VZ - Tolerance
±5%
·
Lead Free Finish, RoHS Compliant (Note 2)
Mechanical Data
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
Notes:
1. Valid provided that leads are kept at TL
£75°C with lead length = 9.5mm (3/8”) from case; derate above 75°C.
2. EC Directive 2002/95/EC (RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied where applicable,
see
EU Directive Annex Notes 5 and 7.
SPICE MODELS: 1N5221B 1N5231B 1N5233B 1N5235B 1N5239B 1N5241B


Similar Part No. - 1N5222B-A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
1N5222B-G COMCHIP-1N5222B-G Datasheet
84Kb / 4P
   Axial Leaded Glass Zener Diode
logo
Seme LAB
1N5222B-LCC3 SEME-LAB-1N5222B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 1N5222B-A

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
   500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
TZX2V4 DIODES-TZX2V4 Datasheet
67Kb / 4P
   500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com