Selected language     English  ▼


W005G Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. W005G
Description  1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 2 page
background image
DS21202 Rev. 12 - 2
2 of 3
W005G - W10G
www.diodes.com
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Surge Current
Pulse Width 8.3 ms
Single Half-Sine-Wave
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
T = 25°C
j
f = 1MHz
0.01
0.1
1.0
10
100
200
0
40
80
160
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 5 Typical Reverse Characteristics
120
T = 100°C
j
T = 25°C
j
0
0.5
1.0
1.5
0
25
50
100
125
150
75
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1 Forward Current Derating Curve
Single phase half-sine-wave
60Hz resistive or inductive load




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF15005S_11.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
FBI4A7M14 Amp. Glass Passivated Bridge Rectifier 1 2 List of Unclassifed Manufacturers
S2A_11.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
B40C800DMGlass Passivated Ultrafast Bridge Rectifier 1 2 3 4 Vishay Siliconix
DF005S_11.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
HD01_10.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
DL4001_11.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
S1A_11.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
S3A_13.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
DF005M_11.0A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl