Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DZ23C13
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ23C13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DZ23C13 Datasheet HTML 1Page - Diodes Incorporated DZ23C13 Datasheet HTML 2Page - Diodes Incorporated DZ23C13 Datasheet HTML 3Page - Diodes Incorporated DZ23C13 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS18002 Rev. 14 - 2
4 of 4
DZ23C2V7-DZ23C51
www.diodes.com
ã Diodes Incorporated
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.


Similar Part No. - DZ23C13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C13 VISHAY-DZ23C13 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C13 VISHAY-DZ23C13 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C13 DIODES-DZ23C13 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C13 MCC-DZ23C13 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Taiwan Semiconductor Co...
DZ23C13 TSC-DZ23C13 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results

Similar Description - DZ23C13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com