Selected language     English  ▼


W01G Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. W01G
Description  1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 1 page
background image
e3
DS21202 Rev. 12 - 2
1 of 3
W005G - W10G
www.diodes.com
ã Diodes Incorporated
W005G - W10G
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
Features
A
B
D
E
G
G
C
+
-
+
-
WOG
Dim
Min
Max
A
8.84
9.86
B
4.00
4.60
C
27.90
¾
D
25.40
¾
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol W005G W01G
W02G
W04G
W06G
W08G
W10G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1) @ TA = 25°C
IO
1.5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on rated load
per element
IFSM
50
A
Forward Voltage (per element)
@ IF = 1.5A
VFM
1.0
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage
@ TA = 125°C
IRM
5.0
500
µA
Typical Total Capacitance
(Note 2)
CT
12
pF
Typical Thermal Resistance Junction to Case
(Note 1)
RqJC
84
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1.
Thermal resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas.
2.
Per element, measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
EC Directive 2002/95/EC(RoHS) revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex
Notes 5 and 7.
·
Glass Passivated Die Construction
·
Low Forward Voltage Drop, High Current Capability
·
Surge Overload Rating to 50A Peak
·
Ideal for Printed Circuit Boards
·
Case to Terminal Isolation Voltage 1500V
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Lead Free Finish, RoHS Compliant (DC 514+) (Note 3)
·
Case: WOG
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Silver. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As marked on Body
·
Marking: Type Number
·
Weight: 1.3 grams (approximate)




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF15005S_11.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
FBI4A7M14 Amp. Glass Passivated Bridge Rectifier 1 2 List of Unclassifed Manufacturers
S2A_11.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
B40C800DMGlass Passivated Ultrafast Bridge Rectifier 1 2 3 4 Vishay Siliconix
DF005S_11.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
HD01_10.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER 1 2 3 Diodes Incorporated
DL4001_11.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
S1A_11.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
S3A_13.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 2 3 Diodes Incorporated
DF005M_11.0A GLASS PASSIVATED BRIDGE RECTIFIERS 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl