Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5233B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5233B
Description  350mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5233B Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5233B Datasheet HTML 1Page - Diodes Incorporated MMBZ5233B Datasheet HTML 2Page - Diodes Incorporated MMBZ5233B Datasheet HTML 3Page - Diodes Incorporated MMBZ5233B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Lead-free
DS18011 Rev. 16 - 2
1 of 4
MMBZ5221B - MMBZ5259B
www.diodes.com
ã Diodes Incorporated
MMBZ5221B - MMBZ5259B
350mW SURFACE MOUNT ZENER DIODE
·
Planar Die Construction
·
350mW Power Dissipation on FR-4 PCB
·
General Purpose, Medium Current
·
Ideally Suited for Automated Assembly Processes
·
Lead Free/RoHS Compliant (Note 3)
·
Qualified to AEC-Q101 Standards for High Reliability
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
350
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
357
°
C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
·
Case: SOT-23
·
Case Material: Molded Plastic
. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Weight: 0.008 grams (approximate)
Mechanical Data
A
E
J
L
M
B
C
H
G
D
K
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
All Dimensions in mm
* Add “-7-F” to the appropriate type number in Table, Sheet 2 example: 6.2V Zener = MMBZ5234B-7-F.
Notes:
1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
3. No purposefully added lead.
Device
Packaging
Shipping
(Type Number)-7-F
SOT-23
3000/Tape & Reel
(Note 2)
Ordering Information
Features
SPICE MODELS: MMBZ5221B MMBZ5223B MMBZ5225B MMBZ5226B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B
MMBZ5232B MMBZ5233B MMBZ5234B MMBZ5235B MMBZ5236B MMBZ5237B MMBZ5238B MMBZ5239B MMBZ5240B MMBZ5241B
MMBZ5242B MMBZ5243B MMBZ5244B MMBZ5245B MMBZ5246B MMBZ5248B MMBZ5250B MMBZ5251B MMBZ5252B MMBZ5254B
MMBZ5255B MMBZ5256B MMBZ5257B MMBZ5258B MMBZ5259B


Similar Part No. - MMBZ5233B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBZ5233B FAIRCHILD-MMBZ5233B Datasheet
204Kb / 6P
   Zeners
logo
Pan Jit International I...
MMBZ5233B PANJIT-MMBZ5233B Datasheet
106Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SeCoS Halbleitertechnol...
MMBZ5233B SECOS-MMBZ5233B Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Shanghai Lunsure Electr...
MMBZ5233B CHENYI-MMBZ5233B Datasheet
21Kb / 1P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MMBZ5233B WEITRON-MMBZ5233B Datasheet
295Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - MMBZ5233B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_15 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C43 DIODES-BZX84C43_1 Datasheet
350Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS30370 Rev. 5 - 2
MMBZ5221B DIODES-MMBZ5221B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5221B DIODES-MMBZ5221B_10 Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
BZX84C2V4 DIODES-BZX84C2V4_12 Datasheet
103Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C12-7 DIODES-BZX84C12-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
BZX84C18-7 DIODES-BZX84C18-7 Datasheet
197Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMBZ5221B WTE-MMBZ5221B Datasheet
76Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4_1 Datasheet
447Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
DS18001 Rev. 25 - 2
BZX84C20-7 DIODES-BZX84C20-7 Datasheet
87Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4 DSK-BZX84C2V4 Datasheet
313Kb / 5P
   350mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com