Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC3510 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBPC3510
Description  35A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBPC3510 Datasheet(HTML) 1 Page - Diodes Incorporated

  GBPC3510 Datasheet HTML 1Page - Diodes Incorporated GBPC3510 Datasheet HTML 2Page - Diodes Incorporated GBPC3510 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS21210 Rev. 10 - 2
1 of 3
GBPC35005/W - GBPC3510/W
www.diodes.com
ã Diodes Incorporated
GBPC35005/W - GBPC3510/W
35A GLASS PASSIVATED BRIDGE RECTIFIER
Features
“W” Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
GBPC-W
C
A
G
E
B
H
(AC)
(AC)
(+)
( - )
H
J
A
C
K
A
M
B
H
H
L
P
A
P
(AC)
(AC)
( - )
( + )
GBPC
GBPC / GBPC-W
Dim
Min
Max
A
28.30
28.80
B
7.40
8.25
C
16.10
17.10
E
18.80
21.30
G
13.80
14.80
H
Hole for #10 screw
5.08Æ
5.59Æ
J
17.60
18.60
K
10.90
11.90
L
0.97Æ
1.07Æ
M
31.80
¾
P
17.60
18.60
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol GBPC35
005/W
GBPC35
01/W
GBPC35
02/W
GBPC35
04/W
GBPC35
06/W
GBPC35
08/W
GBPC35
10/W
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC = 50°C
IO
35
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
IFSM
400
A
Forward Voltage (per element)
@ IF = 17.5A
VFM
1.1
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
5.0
500
m
A
I2t Rating for Fusing
(Note 1)
I2t
660
A2s
Typical Total Capacitance
(Note 2)
CT
300
pF
Typical Thermal Resistance per leg
(Note 3)
RqJC
1.2
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Non-repetitive, for t > 1.0ms and t < 8.3ms.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to case mounted on heatsink.
4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
·
Glass Passivated Die Construction
·
Low Reverse Leakage Current
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 400A Peak
·
Metal Base for Maximum Heat Dissipation
·
Case to Terminal Isolation Voltage 1500V
·
UL Listed Under Recognized Component Index, File Number
E94661
·
Lead Free Finish, RoHS Compliant (Note 4)
·
Case: GBPC / GBPC-W
·
Case Material: Molded Plastic with Heatsink Internally
Mounted in the Bridge Encapsulation. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish ¾ Silver. Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Case
·
Mounting: Through Hole for #10 Screw
·
Mounting Torque: 8.0 Inch-pounds Maximum
·
Ordering Information: See Last Page
·
Marking: Type Number
·
GBPC Weight: 20 grams (approximate)
·
GBPC-W Weight: 14 grams (approximate)
SPICE MODEL: GBPC3506


Similar Part No. - GBPC3510

ManufacturerPart #DatasheetDescription
logo
Surge Components
GBPC3510 SURGE-GBPC3510 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
GBPC3510 RFE-GBPC3510 Datasheet
988Kb / 3P
   Bridge Rectifiers
12-28-2022
logo
SeCoS Halbleitertechnol...
GBPC3510 SECOS-GBPC3510 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Microdiode Electronics ...
GBPC3510 CHENDA-GBPC3510 Datasheet
583Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC3510 SSE-GBPC3510 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBPC3510

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
GBJ35005 ZSELEC-GBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC35-005 TAITRON-GBPC35-005 Datasheet
152Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
Diodes Incorporated
GBPC35005 DIODES-GBPC35005 Datasheet
70Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
DS21210 Rev. H-2
GBJ3510 DIODES-GBJ3510 Datasheet
175Kb / 4P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ35005 ZSELEC-KBJ35005 Datasheet
157Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS35005M ZSELEC-RS35005M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
RS3501M ZSELEC-RS3501M Datasheet
154Kb / 2P
   35A GLASS PASSIVATED BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC35-005W TAITRON-GBPC35-005W Datasheet
144Kb / 4P
   35A Glass Passivated Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
GBJ3501G YFWDIODE-GBJ3501G Datasheet
768Kb / 3P
   35A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Nell Semiconductor Co.,...
MTP35W NELLSEMI-MTP35W Datasheet
396Kb / 3P
   Glass Passivated Triple-Phase Bridge Rectifier, 35A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com