Electronic Components Datasheet Search |
|
XC62HR3001ML Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC62HR3001ML Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 17 page 509 XC62H Series PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN 12.0 V Output Current IOUT 500 mA Output Voltage VOUT VSS -0.3 ~ VIN +1.3 V CE Input Voltage VCE VSS -0.3 ~ VIN +1.3 V SOT-25 150 SOT-89-5 500 Power Dissipation USP-6B Pd 100 mW Operating Temperature Range Topr -30 ~ +80 ℃ Storage Temperature Range Tstg -40 ~ +25 ℃ PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUI T Output Voltage VOUT (E) (*2) IOUT=40mA VIN=3.0V 1,960 2,000 2,040 V 1 Maximum Output Current IOUT max VIN=3.0V, VOUT(E)≧1.8V 115 - - mA 1 Load Regulation △ VOUT VIN=3.0V 1mA≦IOUT≦60mA - 45 90 mV 1 Vdif1 IOUT=40mA - 180 360 mV 1 Dropout Voltage (*3) Vdif2 IOUT=100mA - 580 880 mV 1 Supply Current 1 ISS1 VIN=VCE=3.0V - 2.9 7.9 μ A 2 Supply Current 2 ISS2 VIN=3.0V, VCE=VSS - 0.1 μ A 2 Line Regulation △ VOUT △ VIN・△VOUT IOUT=40mA 3.0V≦VIN≦10.0V - 0.2 0.3 % / V 1 Input Voltage △ VIN - - 10.0 V - Output Voltage Temperature Characteristics △ VOUT △ Topr・△VOUT IOUT=40mA -30℃≦Topr≦80℃ - ± 100 - ppm / ℃ 1 CE "High" Voltage VCEH 1.5 - - V 1 CE "Low" Voltage VCEL - - 0.25 V 1 CE "High" Current ICEH VCE=VIN - - 0.1 μ A 2 CE "Low" Current ICEL VCE=VSS -0.2 -0.05 0 μ A 2 ■ ABSOLUTE MAXIMUM RATINGS Ta=25℃ ■ ELECTRICAL CHARACTERISTICS NOTE: *1: VOUT(T)=Specified output voltage . *2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif= {VIN1 (*5)-VOUT1 (*4)} *4: VOUT1= A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *5: VIN1= The input voltage when VOUT1 appears as input voltage is gradually decreased. Ta=25℃ XC62HR2002 VOUT(T)=2.0V (*1) |
Similar Part No. - XC62HR3001ML |
|
Similar Description - XC62HR3001ML |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |