Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMH1N Datasheet(PDF) 2 Page - Rohm

Part # UMH1N
Description  General purpose (dual digital transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMH1N Datasheet(HTML) 2 Page - Rohm

  UMH1N Datasheet HTML 1Page - Rohm UMH1N Datasheet HTML 2Page - Rohm UMH1N Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMH1 / UMH1N / IMH1A
Transistors
Rev.A
2/2
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input resistance
VI (off)
VI (on)
VO (on)
II
IO (off)
fT
R1
3
15.4
0.8
0.1
250
22
1
0.5
0.3
0.36
0.5
28.6
1.2
V
V
mA
µA
MHz
k
R2 / R1
VCC
=5V, IO=100µA
VO
=0.2V, IO=5mA
IO
=10mA, II=0.5mA
VI
=5V
VCC
=50V, VI=0V
VCE
=10V, IE= −5mA , f=100MHz
Input voltage
Output voltage
Input current
Output current
Transition frequency
GI
56
−−
∗ Characteristics of built-in transistor
VO
=5V, IO=5mA
DC current gain
Resistance ratio
Electrical characteristics curves
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Ta
=100°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.2V
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current
OUTPUT CURRENT : IO
(A)
VO
=5V
1k
500
200
100
50
20
10
5
2
1
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current


Similar Part No. - UMH1N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMH1N ROHM-UMH1N Datasheet
67Kb / 2P
   General purpose (dual digital transistors)
UMH1N ROHM-UMH1N Datasheet
70Kb / 3P
   General purpose (dual digital transistors)
logo
Micro Commercial Compon...
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
   Digital Transistors
logo
SeCoS Halbleitertechnol...
UMH1N SECOS-UMH1N Datasheet
319Kb / 2P
   General purpose transistors
logo
Rohm
UMH1N ROHM-UMH1N Datasheet
71Kb / 3P
   General purpose (dual digital transistors)
More results

Similar Description - UMH1N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMT1 HTSEMI-EMT1 Datasheet
648Kb / 1P
   General purpose transistors (dual digital transistors)
EMB4 HTSEMI-EMB4 Datasheet
497Kb / 1P
   General purpose transistors (dual digital transistors)
logo
Rohm
EMG4 ROHM-EMG4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH3N ROHM-UMH3N Datasheet
189Kb / 2P
   General purpose (dual digital transistors)
UMB6N ROHM-UMB6N Datasheet
61Kb / 1P
   General purpose (dual digital transistors)
EMD4 ROHM-EMD4 Datasheet
82Kb / 5P
   General purpose (dual digital transistors)
EMH4 ROHM-EMH4 Datasheet
84Kb / 3P
   General purpose (dual digital transistors)
UMH8N ROHM-UMH8N Datasheet
79Kb / 3P
   General purpose (dual digital transistors)
UMH11N ROHM-UMH11N Datasheet
61Kb / 2P
   General purpose (dual digital transistors)
EMH6 ROHM-EMH6 Datasheet
35Kb / 2P
   General purpose (dual digital transistors)
IMD23 ROHM-IMD23 Datasheet
80Kb / 5P
   General purpose (dual digital transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com