Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2301C54VML Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2301C54VML
Description  Tri-State Buffer ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2301C54VML Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2301C54VML Datasheet HTML 1Page - Torex Semiconductor XC2301C54VML Datasheet HTML 2Page - Torex Semiconductor XC2301C54VML Datasheet HTML 3Page - Torex Semiconductor XC2301C54VML Datasheet HTML 4Page - Torex Semiconductor XC2301C54VML Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1577
XC2301
Series
■SWITCHING WAVEFORMS
(1) Switching Time
(2) Duty Cycle
■SUPPLY CURRENT, DUTY MEASUREMENT CIRCUIT
*) The feedback resistor (fixed) Rf must be connected.
*) When the duty needs to be adjusted because of power
supply and/or input amplitude, duty resistor (fixed) Rb
should be connected.
<Reference Peripheral Values : Rf, Rb, Cin >
VDD=3.3V, fin=160MHz, Vipp=0.5Vpp
CIN =
10000 [pF]
Rf =
51 [kΩ]
Rb =
360 [kΩ]


Similar Part No. - XC2301C54VML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301C54VML TOREX-XC2301C54VML Datasheet
142Kb / 5P
   Tri-State Buffer ICs
XC2301C54VML TOREX-XC2301C54VML Datasheet
209Kb / 6P
   Tri-State Buffer ICs
More results

Similar Description - XC2301C54VML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2301 TOREX-XC2301_2 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301 Datasheet
142Kb / 5P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_15 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300 Datasheet
260Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_12 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
XC2300 TOREX-XC2300_1 Datasheet
235Kb / 7P
   Tri-State Buffer ICs
XC2301_001 TOREX-XC2301_001 Datasheet
209Kb / 6P
   Tri-State Buffer ICs
XC2300-12 TOREX-XC2300-12 Datasheet
132Kb / 7P
   Tri-State Buffer ICs
XC2301 TOREX-XC2301_15 Datasheet
116Kb / 6P
   Tri-State Buffer ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com