Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5246B-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSZ5246B-7-F
Description  500mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSZ5246B-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSZ5246B-7-F Datasheet HTML 1Page - Diodes Incorporated MMSZ5246B-7-F Datasheet HTML 2Page - Diodes Incorporated MMSZ5246B-7-F Datasheet HTML 3Page - Diodes Incorporated MMSZ5246B-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS18010 Rev. 18 - 2
2 of 4
MMSZ5221B - MMSZ5259B
www.diodes.com
Type
Number
Type
Code
Zener Voltage Range (Note 4)
Test
Current
Maximum Zener
Impedance (Note 3)
Maximum Reverse
Leakage Current (Note 4)
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
= 0.25mA
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
WmA
V
MMSZ5221B
C1, C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223B
C3, C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225B
C5, C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226B
G1, G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227B
G2, G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228B
G3, G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229B
G4, G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230B
G5, G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231B
E1, E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232B
E2, E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233B
E3, E3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234B
E4, E4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235B
E5, E5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236B
F1, F1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237B
F2, F2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238B
F3, F3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239B
F4, F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240B
F5, F5
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241B
H1, H1
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242B
H2, H2
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243B
H3, H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245B
H5, H5
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
J1, J1
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248B
J3, J3
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250B
J5, J5
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251B
K1, K1
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252B
K2, K2
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254B
K4, K4
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255B
K5, K5
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256B
M1, M1
30
28.50
31.50
4.2
49
600
0.1
23
MMSZ5257B
M2, M2
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
M3, M3
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259B
M4, M4
39
37.05
40.95
3.2
80
800
0.1
30
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
3. f = 1KHz.
4. Short duration test pulse used to minimize self-heating effect.
* Add “-7-F” to the appropriate type number in Table 1 above example: 6.2V Zener = MMSZ5234B-7-F.
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
(Type Number)-7-F*
SOD-123
3000/Tape & Reel
Ordering Information (Note 5)


Similar Part No. - MMSZ5246B-7-F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5246B-AU PANJIT-MMSZ5246B-AU Datasheet
263Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
logo
TAITRON Components Inco...
MMSZ5246B-F TAITRON-MMSZ5246B-F Datasheet
161Kb / 4P
   500mW Two Terminals SMD Zener Diodes
logo
Diotec Semiconductor
MMSZ5246B-Q DIOTEC-MMSZ5246B-Q Datasheet
142Kb / 2P
   SMD Planar Zener
logo
Won-Top Electronics
MMSZ5246B-T1 WTE-MMSZ5246B-T1 Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Micro Commercial Compon...
MMSZ5246B-TP MCC-MMSZ5246B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - MMSZ5246B-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B_09 Datasheet
92Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 23 - 2
MMSZ5263B DIODES-MMSZ5263B Datasheet
86Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B DIODES-MMSZ5221B_15 Datasheet
106Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
BZT52C12 WTE-BZT52C12 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4682 WTE-MMSZ4682 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ4706 WTE-MMSZ4706 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
MMSZ5221B DIODES-MMSZ5221B Datasheet
61Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Won-Top Electronics
BZT52C11 WTE-BZT52C11 Datasheet
49Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
MMSZ5221B WTE-MMSZ5221B Datasheet
75Kb / 4P
   500mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
ZMM5245B-7 DIODES-ZMM5245B-7 Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com