Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU410 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # GBU410
Description  4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

GBU410 Datasheet(HTML) 1 Page - Diodes Incorporated

  GBU410 Datasheet HTML 1Page - Diodes Incorporated GBU410 Datasheet HTML 2Page - Diodes Incorporated GBU410 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS21225 Rev. 7 - 2
1 of 3
GBU4005 - GBU410
www.diodes.com
ã Diodes Incorporated
GBU4005 - GBU410
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Mechanical Data
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Notes:
1. Unit mounted on 50mm x 50mm x 1.6mm copper plate heatsink.
2.
Non-repetitive, for t > 1.0ms and < 8.3ms.
3.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
·
Case: GBU
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Plated Leads. Solderable per MIL-STD-202,
Method 208
·
Lead Free Plating (Tin Finish)
·
Polarity: Marked on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 Inch-pounds Maximum
·
Ordering Information: See Last Page
·
Marking: Date Code and Type Number
·
Weight: 6.6 grams (approximate)
Characteristic
Symbol
GBU
4005
GBU
401
GBU
402
GBU
404
GBU
406
GBU
408
GBU
410
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Forward Rectified Current (Note 1) @ TC = 100
°C
I(AV)
4.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
150
A
Forward Voltage (per element)
@ IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IR
5.0
50
mA
I2t Rating for Fusing (Note 2)
I2t93
A2s
Typical Total Capacitance per Element (Note 3)
CT
80
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
2.2
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
GBU
Dim
Min
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
F
1.95
2.35
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
3.2 X 45
°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
All Dimensions in mm
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 150A Peak
·
Ideal for Printed Circuit Board Applications
·
UL Listed Under Recognized Component
Index, File Number E94661
·
Lead Free Finish, RoHS Compliant (Note 4)
SPICE MODELS: GBU4005 GBU401 GBU402 GBU404 GBU406 GBU408 GBU410


Similar Part No. - GBU410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU410 DIODES-GBU410 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
ASEMI TECHNOLOGY., LTD
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Nanjing International G...
GBU410 DGNJDZ-GBU410 Datasheet
152Kb / 2P
   SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
GBU410 YANGJIE-GBU410 Datasheet
410Kb / 4P
   Bridge Rectifier
GBU410 YANGJIE-GBU410 Datasheet
372Kb / 2P
   SINGLE PHASE 4.0/6.0/8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - GBU410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
KBJ4A ZSELEC-KBJ4A Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005 ZSELEC-KBJ4005 Datasheet
97Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBL401 YFWDIODE-GBL401 Datasheet
638Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBU401 YFWDIODE-GBU401 Datasheet
898Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005_15 Datasheet
72Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ4A ZSELEC-GBJ4A Datasheet
57Kb / 2P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D4KB1 YFWDIODE-D4KB1 Datasheet
456Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP401 YFWDIODE-KBP401 Datasheet
825Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD4KB10 YFWDIODE-UD4KB10 Datasheet
457Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com