Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMZ8N Datasheet(PDF) 2 Page - Rohm

Part # UMZ8N
Description  Power management (dual transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMZ8N Datasheet(HTML) 2 Page - Rohm

  UMZ8N Datasheet HTML 1Page - Rohm UMZ8N Datasheet HTML 2Page - Rohm UMZ8N Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMZ8 / UMZ8N
Transistors
Rev.C
2/4
Electrical characteristics (Ta=25
°C)
Tr1
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
hFE
BVCEO
−12
−6
270
−0.1
−0.1
−0.1
−0.25
680
V
V
µA
µA
V
IC =
−1mA
BVCBO
−15
−−
V
IC =
−10µA
IE =
−10µA
VCB =
−15V
VEB =
−6V
IC/IB =
−200mA/−10mA
VCE =
−2V , IC = −10mA
fT
Cob
260
6.5
MHz
pF
VCE =
−2V , IE = 10mA , f = 100MHz
VCB =
−10V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Tr2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVEBO
ICBO
IEBO
VCE(sat)
hFE
BVCEO
50
7
120
0.1
0.1
0.4
560
V
V
µA
µA
V
IC = 1mA
BVCBO
60
−−
V
IC = 50
µA
IE = 50
µA
VCB = 60V
VEB = 7V
IC/IB = 50mA/5mA
VCE = 6V , IC = 1mA
fT
Cob
180
2
3.5
MHz
pF
VCE = 12V , IE =
−2mA , f = 100MHz
VCB = 12V , IE = 0A , f = 1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Electrical characteristic curves
<Tr1>
1
2
5
10
20
50
100
200
500
1000
0
0.5
1.0
1.5
BASE TO EMITTER VOLTAGE : VBE (V)
VCE
=2V
Fig.1 Grounded Emitter Propagation
Characteristics
Ta
= −40°C
Ta
=25°C
Ta
=125°C
0
20
40
60
80
100
120
140
160
180
200
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Fig.2 Typical Output Characteristics
Ta=25
pulsed
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
I
B =700µA
I
B =600µA
I
B =500µA
I
B =400µA
I
B =300µA
I
B =200µA
I
B =100µA
I
B =0µA
°C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
VCE
=2V
Fig.3 DC Current Gain vs.
Collector Current
Ta
= −40°C
Ta
=25°C
Ta
=125°C
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
= −40°C
Ta
=25°C
Ta
=125°C
Fig.4 Collector-Emitter Saturation
Voltage vs.
Collector Current (
Ι)
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Ta
=25°C
IC / IB
=50
IC / IB
=20
IC / IB
=10
Fig.5 Collector-Emitter Saturation
Voltage vs.
Collector Current (
ΙΙ)
10
20
50
100
200
500
1000
2000
5000
10000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
=125°C
Ta
=25°C
Ta
= −40°C
Fig.6 Base-Emitter Saturation
Voltage vs.Collecter Current


Similar Part No. - UMZ8N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ8N ROHM-UMZ8N Datasheet
63Kb / 2P
   Power management (dual transistors)
UMZ8N ROHM-UMZ8N Datasheet
156Kb / 5P
   Power management (dual transistors)
More results

Similar Description - UMZ8N

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF6 ROHM-EMF6 Datasheet
97Kb / 5P
   Power management (dual transistors)
UMF6N ROHM-UMF6N Datasheet
99Kb / 6P
   Power management (dual transistors)
EMZ2T2R ROHM-EMZ2T2R Datasheet
85Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
VT6X12 ROHM-VT6X12 Datasheet
191Kb / 3P
   Power management (dual transistors)
EMF5 ROHM-EMF5_08 Datasheet
89Kb / 5P
   Power management (dual transistors)
VT6T2 ROHM-VT6T2 Datasheet
190Kb / 3P
   Power management (dual transistors)
VT6T11 ROHM-VT6T11 Datasheet
193Kb / 3P
   Power management (dual transistors)
VT6X1 ROHM-VT6X1 Datasheet
192Kb / 3P
   Power management (dual transistors)
UMF9N ROHM-UMF9N Datasheet
97Kb / 6P
   Power management (dual transistors)
EMF4 ROHM-EMF4 Datasheet
100Kb / 5P
   Power management (dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com