Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE6V8A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1.5KE6V8A
Description  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1.5KE6V8A Datasheet(HTML) 1 Page - Diodes Incorporated

  1.5KE6V8A_1 Datasheet HTML 1Page - Diodes Incorporated 1.5KE6V8A_1 Datasheet HTML 2Page - Diodes Incorporated 1.5KE6V8A_1 Datasheet HTML 3Page - Diodes Incorporated 1.5KE6V8A_1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS21503 Rev. 10 - 2
1 of 4
1.5KE6V8(C)A - 1.5KE400(C)A
www.diodes.com
ã Diodes Incorporated
Maximum Ratings @ TA = 25°C unless otherwise specified
1.5KE6V8(C)A - 1.5KE400(C)A
1500W TRANSIENT VOLTAGE SUPPRESSOR
·
1500W Peak Pulse Power Dissipation
·
Voltage Range 6.8V - 400V
·
Constructed with Glass Passivated Die
·
Uni- and Bidirectional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
·
Lead Free Finish, RoHS Compliant (Note 3)
·
Case: DO-201
·
Case Material: Transfer Molded Epoxy. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish - Bright Tin. Leads: Axial, Solderable
per MIL-STD-202 Method 208
·
Ordering Information: See Last Page
·
Marking: Unidirectional - Type Number and Cathode Band
·
Marking: Bidirectional - Type Number Only
·
Weight: 1.12 grams (approximate)
Features
Mechanical Data
DO-201
Dim
Min
Max
A
25.40
B
8.50
9.53
C
0.96
1.06
D
4.80
5.21
All Dimensions in mm
A
A
B
C
D
Notes:
1. Suffix ‘C’ denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Notes 5 and 7.
Characteristic
Symbol
Value
Unit
Peak Power Dissipation at tp = 1.0ms
(Non-repetitive current pulse, derated above TA = 25°C)
Ppk
1500
W
Steady State Power Dissipation at TL = 75°C Lead Lengths 9.5 mm
(Mounted on Copper Land Area of 20mm2)
Pd
5.0
W
Peak Forward Surge Current, 8.3 Single Half Sine Wave Superimposed on
Rated Load (8.3ms Single Half Sine Wave,
Duty Cycle = 4 pulses per minute maximum)
IFSM
200
A
Forward Voltage @ IF = 50A 300µs Square Wave Pulse,
VBR
£ 100V
Unidirectional Only
VBR > 100V
VF
3.5
5.0
V
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C


Similar Part No. - 1.5KE6V8A_1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1.5KE6V8A/CA STMICROELECTRONICS-1.5KE6V8A/CA Datasheet
142Kb / 10P
   Transil
logo
New Jersey Semi-Conduct...
1.5KE6V8ACA NJSEMI-1.5KE6V8ACA Datasheet
213Kb / 1P
   Transient Voltage Suppressors
logo
STMicroelectronics
1.5KE6V8ARL STMICROELECTRONICS-1.5KE6V8ARL Datasheet
212Kb / 6P
   TRANSIL UNIAND BIDIRECTIONALTYPES
More results

Similar Description - 1.5KE6V8A_1

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com